Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5526IP Datasheet(PDF) 1 Page - Intersil Corporation

Part # HC5526IP
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5526IP Datasheet(HTML) 1 Page - Intersil Corporation

  HC5526IP Datasheet HTML 1Page - Intersil Corporation HC5526IP Datasheet HTML 2Page - Intersil Corporation HC5526IP Datasheet HTML 3Page - Intersil Corporation HC5526IP Datasheet HTML 4Page - Intersil Corporation HC5526IP Datasheet HTML 5Page - Intersil Corporation HC5526IP Datasheet HTML 6Page - Intersil Corporation HC5526IP Datasheet HTML 7Page - Intersil Corporation HC5526IP Datasheet HTML 8Page - Intersil Corporation HC5526IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
57
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HC5526
ITU CO/PABX SLIC with Low Power
Standby
The HC5526 is a subscriber line interface circuit that is
compliant with CCITT standards. Enhancements include
immunity to circuit latch-up during hot plug and absence of
false signaling in the presence of longitudinal currents.
The HC5526 is fabricated in a High Voltage Dielectrically
Isolated (DI) Bipolar Process that eliminates leakage
currents and device latch-up problems normally associated
with Junction Isolated (JI) ICs. The elimination of the
leakage currents results in improved circuit performance for
wide temperature extremes. The latch free benefit of the DI
process guarantees operation under adverse transient
conditions. This process feature makes the HC5526 ideally
suited for use in harsh outdoor environments.
Features
• DI Monolithic High Voltage Process
• Programmable Current Feed (20mA to 60mA)
• Programmable Loop Current Detector Threshold and
Battery Feed Characteristics
• Ground Key and Ring Trip Detection
• Compatible with Ericsson’s PBL3764
• Thermal Shutdown
• On-Hook Transmission
• Wide Battery Voltage Range (-24V to -58V)
• Low Standby Power
• Meets CCITT Transmission Requirements
• -40oC to 85oC Ambient Temperature Range
Applications
• On-Premises (ONS)
• Key Systems
• PBX
• Related Literature
- AN9537, Operation of the HC5513/26 Evaluation Board
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HC5526CM
0 to 70
28 Ld PLCC
N28.45
HC5526CP
0 to 70
22 Ld PDIP
E22.4
HC5526IM
-40 to 85
28 Ld PLCC
N28.45
HC5526IP
-40 to 85
22 Ld PDIP
E22.4
RINGRLY
DT
DR
TIP
RING
HPT
HPR
VBAT
VCC
VEE
AGND
BGND
VTX
RSN
E0
E1
C1
C2
DET
RING RELAY
DRIVER
4-WIRE
INTERFACE
VF SIGNAL
PATH
GROUND KEY
DETECTOR
LOOP CURRENT
DETECTOR
RDC
RSG
BIAS
DIGITAL
MULTIPLEXER
RING TRIP
DETECTOR
2-WIRE
INTERFACE
RD
Data Sheet
October 1998
File Number
4151.6


Similar Part No. - HC5526IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5526 INTERSIL-HC5526 Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
ITU CO/PABX SLIC with Low Power Standby
August 2003
logo
Intersil Corporation
HC5526CM INTERSIL-HC5526CM Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
More results

Similar Description - HC5526IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC5515 INTERSIL-HC5515 Datasheet
170Kb / 17P
ITU CO/PABX SLIC with Low Power Standby
October 1998
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
EIA/ITU PABX SLIC with 40mA Loop Feed
July 2004
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC5515 INTERSIL-HC5515_06 Datasheet
461Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
June 6, 2006
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com