Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7754 Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 30Page - Analog Devices ADE7754_15 Datasheet HTML 31Page - Analog Devices ADE7754_15 Datasheet HTML 32Page - Analog Devices ADE7754_15 Datasheet HTML 33Page - Analog Devices ADE7754_15 Datasheet HTML 34Page - Analog Devices ADE7754_15 Datasheet HTML 35Page - Analog Devices ADE7754_15 Datasheet HTML 36Page - Analog Devices ADE7754_15 Datasheet HTML 37Page - Analog Devices ADE7754_15 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
REV. 0
–34–
ADE7754
Table VIII. Register List (continued)
Address
Default
[A5:A0]
Name
R/W
*
Length
Value
Description
31h
CIrmsOS
R/W
12
0
Phase C Current RMS Offset Correction Register.
32h
AVrmsOS
R/W
12
0
Phase A Voltage RMS Offset Correction Register.
33h
BVrmsOS
R/W
12
0
Phase B Voltage RMS Offset Correction Register.
34h
CVrmsOS
R/W
12
0
Phase C Voltage RMS Offset Correction Register.
35h
AAPGAIN
R/W
12
0
Phase A Active Power Gain Adjust. The active power accumulation of the
Phase A can be calibrated by writing to this register. The calibration range
is
±50% of the nominal full scale of the active power. The resolution of the
gain is 0.0244%/LSB. See the Current Channel ADC Gain Adjust section.
36h
BAPGAIN
R/W
12
0
Phase B Active Power Gain Adjust.
37h
CAPGAIN
R/W
12
0
Phase C Active Power Gain Adjust.
38h
AVGAIN
R/W
12
0
Phase A Voltage RMS Gain. The apparent power accumulation of the
Phase A can be calibrated by writing to this register. The calibration
range is
±50% of the nominal full scale of the apparent power. The
resolution of the gain is 0.0244% / LSB. See the Voltage RMS Gain
Adjust section.
39h
BVGAIN
R/W
12
0
Phase B Voltage RMS Gain.
3Ah
CVGAIN
R/W
12
0
Phase C Voltage RMS Gain.
3Bh–
Reserved.
3Dh
3Eh
CHKSUM
R
8
Check Sum Register. The content of this register represents the sum of
all 1s of the latest register read from the SPI port.
3Fh
VERSION
R
8
1
Version of the Die.
*R/W: Read/Write capability of the register.
R: Read-only register.
R/W: Register that can be both read and written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com