Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7754 Datasheet(PDF) 37 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 33Page - Analog Devices ADE7754_15 Datasheet HTML 34Page - Analog Devices ADE7754_15 Datasheet HTML 35Page - Analog Devices ADE7754_15 Datasheet HTML 36Page - Analog Devices ADE7754_15 Datasheet HTML 37Page - Analog Devices ADE7754_15 Datasheet HTML 38Page - Analog Devices ADE7754_15 Datasheet HTML 39Page - Analog Devices ADE7754_15 Datasheet HTML 40Page - Analog Devices ADE7754_15 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
REV. 0
ADE7754
–37–
Measurement Mode Register (0Bh)
The configuration of the period and peak measurements made by the ADE7754 are defined by writing to the MMODE register.
Table XII summarizes the functionality of each bit in the MMODE register.
Table XII. MMODE Register
Bit
Bit
Default
Location
Mnemonic
Value
Description
0-1
PERDSEL
0
These bits are used to select the source of the measurement of the voltage line period.
Bit 1
Bit 0
Source
00
Phase A
01
Phase B
10
Phase C
11
Reserved
2-3
PEAKSEL
0
These bits select the line voltage and current phase used for the PEAK detection. If the
selected line voltage is above the level defined in the PKVLVL register, the PKV flag in the
interrupt status register is set. If the selected current input is above the level defined in the
PKILVL register, the PKI flag in the interrupt status register is set.
Bit 3
Bit 2
Source
00
Phase A
01
Phase B
10
Phase C
11
Reserved
4-6
ZXSEL
7
These bits select the phases used for counting the number of zero crossing in the line active
and apparent accumulation modes as well as enabling these phases for the zero-crossing
timeout detection, zero crossing, period measurement, and SAG detection. Bits 4, 5, and 6
select Phase A, Phase B, and Phase C, respectively.
7
Reserved.
Waveform Mode Register (0Ch)
The waveform sampling mode of the ADE7754 is defined by writing to the WAVMODE register. Table XIII summarizes the func-
tionality of each bit in the WAVMODE register.
Table XIII. WAVMODE Register
Bit
Bit
Default
Location
Mnemonic
Value
Description
0-2
WAVSEL
0
These bits are used to select the source of the waveform sample.
Bit 2
Bit 1
Bit 0
Source
0
00Voltage Phase A
0
01Voltage Phase B
0
10Voltage Phase C
0
11Current Phase A
1
00Current Phase B
1
01Current Phase C
11
0 or 1
Reserved
3-4
DTRT
0
These bits are used to select the waveform sampling update rate.
Bit 4
Bit 3
Update Rate
00
26.0 kSPS (CLKIN/3/128)
01
13.0 kSPS (CLKIN/3/256)
10
6.5 kSPS (CLKIN/3/512)
11
3.3 kSPS (CLKIN/3/1024)
5
LVARSEL
0
This bit is used to enable the accumulation of the line VAR energy into the LAENERGY register
and of the line active energy into the LVAENERGY register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com