Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7756 Datasheet(PDF) 31 Page - Analog Devices

Part # ADE7756
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADE7756_15 Datasheet HTML 24Page - Analog Devices ADE7756_15 Datasheet HTML 25Page - Analog Devices ADE7756_15 Datasheet HTML 26Page - Analog Devices ADE7756_15 Datasheet HTML 27Page - Analog Devices ADE7756_15 Datasheet HTML 28Page - Analog Devices ADE7756_15 Datasheet HTML 29Page - Analog Devices ADE7756_15 Datasheet HTML 30Page - Analog Devices ADE7756_15 Datasheet HTML 31Page - Analog Devices ADE7756_15 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
REV. 0
ADE7756
–31–
Interrupt Status Register (04H) / Reset Interrupt Status Register (05H)
The Status register is used by the MCU to determine the source of an interrupt request (
IRQ). When an interrupt event occurs in the
ADE7756, the corresponding flag in the Interrupt Status register is set logic high. If the enable bit for this flag is Logic 1 in the Inter-
rupt Enable register, the
IRQ logic output goes active low. When the MCU services the interrupt it must first carry out a read from
the Interrupt Status register to determine the source of the interrupt.
Table VII. Interrupt Status Register, Reset Interrupt Status Register and Interrupt Enable Register
Bit
Interrupt
Location
Flag
Description
0
AEHF
Indicates that an interrupt was caused by the 0 to 1 transition of the MSB of the Active Energy register.
1
SAG
Indicates that an interrupt was caused by a SAG on the line voltage or no zero crossings were detected.
In calibration mode this flag is also used to indicate the end of an integration over an integer number of
half line cycles—see Energy Calibration section.
3
WSMP
Indicates that new data is present in the Waveform register.
4
ZX
This status bit reflects the status of the ZX logic output—see Zero Crossing Detection section.
5
TEMP
Indicates that a temperature conversion result is available in the Temperature register.
7
AEOF
Indicates that the Active Energy register has overflowed.
INTERRUPT STATUS REGISTER*
ADDR: 04H / RESET: 05H
AEOF
(ACTIVE ENERGY REGISTER OVERFLOW)
RESERVED = 0
TEMP
ZX
*REGISTER CONTENTS SHOW POWER-ON DEFAULTS
0
000
00
00
7654
32
10
AEHF
(ACTIVE ENERGY REGISTER HALF FULL)
SAG
(LINE VOLTAGE SAG DETECT)
RESERVED = 0
WSMP
(WAVEFORM SAMPLING)
Figure 42. Interrupt Status Register
INTERRUPT ENABLE REGISTER*
ADDR: 10H
AEOF
(ACTIVE ENERGY REGISTER OVERFLOW)
RESERVED = 0
TEMP
ZX
*REGISTER CONTENTS SHOW POWER-ON DEFAULTS
0
000
00
00
7654
32
10
AEHF
(ACTIVE ENERGY REGISTER HALF FULL)
SAG
(LINE VOLTAGE SAG DETECT)
RESERVED = 0
WSMP
(WAVEFORM SAMPLING)
Figure 43. Interrupt Enable Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com