Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7756 Datasheet(PDF) 20 Page - Analog Devices

Part # ADE7756
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADE7756_15 Datasheet HTML 16Page - Analog Devices ADE7756_15 Datasheet HTML 17Page - Analog Devices ADE7756_15 Datasheet HTML 18Page - Analog Devices ADE7756_15 Datasheet HTML 19Page - Analog Devices ADE7756_15 Datasheet HTML 20Page - Analog Devices ADE7756_15 Datasheet HTML 21Page - Analog Devices ADE7756_15 Datasheet HTML 22Page - Analog Devices ADE7756_15 Datasheet HTML 23Page - Analog Devices ADE7756_15 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
REV. 0
ADE7756
–20–
PHASE COMPENSATION
When the HPF is disabled, the phase error between Channel 1
and Channel 2 is zero from dc to 3.5 kHz. When HPF1 is enabled,
Channel 1 has a phase response illustrated in Figures 23 and 24.
Also shown in Figure 25 is the magnitude response of the filter.
As can be seen from the plots, the phase response is almost zero
from 45 Hz to 1 kHz. This is all that is required in typical energy
measurement applications.
However, despite being internally phase compensated the
ADE7756 must work with transducers that may have inherent
phase errors. For example, a phase error of 0.1
° to 0.3° is not
uncommon for a CT (Current Transformer). These phase errors
can vary from part to part and must be corrected in order to
perform accurate power calculations. The errors associated with
phase mismatch are particularly noticeable at low power factors.
The ADE7756 provides a means of digitally calibrating these
small phase errors. The ADE7756 allows a small time delay or
time advance to be introduced into the signal processing chain
in order to compensate for small phase errors. Because the
compensation is in time, this technique should only be used for
small phase errors in the range of 0.1
° to 0.5°. Correcting large
phase errors using a time shift technique can introduce signifi-
cant phase errors at higher harmonics.
The Phase Calibration register (PHCAL[5:0]) is a two’s comple-
ment 6-bit signed register that can vary the time delay in the
Channel 2 signal path from –143
µs to +143 µs (CLKIN =
3.579545 MHz). One LSB is equivalent to 4.47
µs. With a line
frequency of 60 Hz, this gives a phase resolution of 0.097
° at the
fundamental (i.e., 360
° × 4.47 µs × 60 Hz). Figure 22 illustrates
how the phase compensation is used to remove a 0.097
° phase
lead in Channel 1 due to some external transducer. In order to
cancel the lead (0.097
°) in Channel 1, a phase lead must also be
introduced into Channel 2. The resolution of the phase adjustment
allows the introduction of a phase lead of 0.097
°. The phase lead is
achieved by introducing a time advance into Channel 2. A time
advance of 4.47
µs is made by writing –1 (3Fh) to the time delay
block, thus reducing the amount of time delay by 4.47
µs.
PHCAL[5:0]
–143 s TO +143 s
CHANNEL 2 DELAY
REDUCED BY 4.47 s
(0.097 LEAD AT 60Hz)
3Fh IN PHCAL[5:0]
0.097"
60Hz
V1
V1P
V1N
ADC1
PGA1
V1
HPF
20
V2
V2P
V2N
ADC2
PGA2
1
DELAY
BLOCK
4.47 s/LSB
20
LPF2
V2
60Hz
V1
V2
11 11 11
50
Figure 22. Phase Calibration
FREQUENCY – Hz
–0.10
0
100
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
200
300
400
500
600
700
800
900
1000
Figure 23. Combined Phase Response of the HPF and
Phase Compensation (10 Hz to 1 kHz)
–0.10
40
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
45
50
55
60
65
70
Figure 24. Combined Phase Response of the HPF and
Phase Compensation (40 Hz to 70 Hz)
FREQUENCY – Hz
–0.40
54
–0.30
–0.20
–0.10
0.00
0.10
0.20
0.30
0.40
56
58
60
62
64
68
Figure 25. Combined Phase Response of the HPF and
Phase Compensation (Deviation of Gain in % from
Gain at 60 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com