Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7756 Datasheet(PDF) 11 Page - Analog Devices

Part # ADE7756
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE7756_15 Datasheet HTML 7Page - Analog Devices ADE7756_15 Datasheet HTML 8Page - Analog Devices ADE7756_15 Datasheet HTML 9Page - Analog Devices ADE7756_15 Datasheet HTML 10Page - Analog Devices ADE7756_15 Datasheet HTML 11Page - Analog Devices ADE7756_15 Datasheet HTML 12Page - Analog Devices ADE7756_15 Datasheet HTML 13Page - Analog Devices ADE7756_15 Datasheet HTML 14Page - Analog Devices ADE7756_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
REV. 0
ADE7756
–11–
33nF
1k
RB
RB
1k
33nF
33nF
1k
33nF
1k
1M
100nF
10 F
AVDD
DVDD
RESET
10 F
40A
TO
40mA
VDD
100nF
10 F
V1P
V1N
V2N
V2P
REFIN/OUT
DOUT
SCLK
CS
CLKOUT
CLKIN
IRQ
DIN
SAG
ZX
CF
AGND
DGND
22pF
TO
FREQUENCY
COUNTER
U3
NOT CONNECTED
TO
SPI BUS (USED
ONLY FOR
CALIBRATION)
110V
1
2
4
8
16
15.8
7.5
4.0
2.0
1.0
GAIN(CH1)
CT TURN RATIO = 1800:1
CHANNEL 2 GAIN = 4
RB
U1
ADE7756
100nF
Y1
3.58MHz
22pF
PS2501-1
TPC 13. Test Circuit for Performance Curves
AMPS
0.01
–0.50
–0.40
–0.30
–0.20
–0.10
0
0.10
0.20
0.30
0.40
0.50
0.10
1.0
10.0
100.0
5.25V
4.75V
5.0V
TPC 14. PSR with Internal Reference
FREQUENCY – Hz
45
–0.6
50
55
60
PF = 1
–0.4
–0.2
0
0.2
0.4
0.6
0.8
65
70
75
PF = 0.5
TPC 15. Error as a % of Reading over Frequency
AMPS
0.01
–0.50
–0.40
–0.30
–0.20
–0.10
0
0.10
0.20
0.30
0.40
0.50
0.10
1.0
10.0
100.0
5.25V
4.75V
5.0V
TPC 16. PSR with External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com