Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP1090AS Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP1090AS
Description  Protected High Side Power Switch with Transient Suppression
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1090AS Datasheet(HTML) 4 Page - Intersil Corporation

  HIP1090AS Datasheet HTML 1Page - Intersil Corporation HIP1090AS Datasheet HTML 2Page - Intersil Corporation HIP1090AS Datasheet HTML 3Page - Intersil Corporation HIP1090AS Datasheet HTML 4Page - Intersil Corporation HIP1090AS Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
9-25
HIP1090
Figure 3 shows the pulsed output switching characteristics
of the HIP1090 as a high side driver. A small delay step is
noted on the rising edge due to the hold-off of a VCESAT
detector circuit. The VCESAT circuit senses the saturation
level of the PNP pass transistor and controls the drive as a
ratio of load current. As the load current is reduced, the drive
current to the output transistor is reduced. Under low current
operation, the saturation level is controlled and the turn-OFF
switching time is much faster. The control switching element
is shown as a 2N5320 NPN transistor but may be any open
collector or MOS gate. A pull-up resistor of 2k
Ω is used for a
slight improvement in the turnoff fall time but is not an
essential requirement. The VCON terminal may be controlled
with a mechanical switch or may be controlled from any
driver output that can sink the worst case condition of pin 2
current, ICON when the output load current is increased to 1A
(typically 50mA).
FIGURE 3. TYPICAL ON-OFF SWITCHING CHARACTERISTIC
OF THE HIP1090 USING AN NPN TRANSISTOR TO
SWITCH THE VCON INPUT TERMINAL
HIP1090
VCON
VOUT
VIN
+16V
1k
Ω
2k
Ω
2N5320
(CONTROL PIN)
(OUTPUT)
(SUPPLY INPUT)
OR EQUIVALENT
VB
15
µs
15
µs
15
10
5
0
VOUT
VB
ON
OFF
TON
TOFF
ON
OFF
24
Ω
OPTIONAL
The circuit of Figure 4 shows how the HIP1090 transient
suppression voltage shutdown threshold may be increased
by using a zener diode from the VCON terminal to the collec-
tor terminal of the transistor switch. The preferred method is
to use a zener diode for a fixed level shift. While a resistor in
place of the zener diode having the same voltage drop will
work well, the parametric variation of the ICON current will
cause variations of the Over-Voltage Shutdown Threshold.
In this circuit, a 10V zener provides a typical over-voltage
threshold shift to ~27V. The threshold for over-voltage shut-
down is referenced to the (VIN - VCON) voltage difference.
FIGURE 4. A TYPICAL APPLICATION CIRCUIT THAT USES A
ZENER TO THE VCON TRANSISTOR SWITCH TO
RAISE
THE
OVER-VOLTAGE
SHUTDOWN
THRESHOLD
Also, it is important to note that high peak current values
may be reached when driving nonlinear and inductive loads.
The peak output current of the HIP1090 is self limiting in the
1A to 2A range to protect against short circuit conditions.
Sustained high peak current may increase the junction tem-
perature to 150oC and cause thermal shutdown. When this
happens, the output current will fall off briefly before recover-
ing, unless the over-temperature condition is sustained.
Internally, both input and output over-voltage conditions are
sensed to protect the circuit, making the high levels of tran-
sient voltage ratings possible. Sustained voltage ratings of
±24VDC with transient ratings to ±90V allow a wide variety
of applications in high stress environments.
Except for the VCESAT detector circuit, the HIP1090 is a
higher current version of the CA3273 high side driver, which
turns-on without the delayed step on the leading edge of the
output pulse; switching with a typical TON time of ~0.5µs.
The CA3273 has a higher transient suppression threshold.
HIP1090
VCON
VOUT
VIN
+24V
1k
Ω
2N5320
(OUTPUT)
(SUPPLY INPUT)
OR EQUIVALENT
ON
OFF
24
Ω
10V
2k
Ω
OPTIONAL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com