Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP1090AS Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP1090AS
Description  Protected High Side Power Switch with Transient Suppression
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1090AS Datasheet(HTML) 5 Page - Intersil Corporation

  HIP1090AS Datasheet HTML 1Page - Intersil Corporation HIP1090AS Datasheet HTML 2Page - Intersil Corporation HIP1090AS Datasheet HTML 3Page - Intersil Corporation HIP1090AS Datasheet HTML 4Page - Intersil Corporation HIP1090AS Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
9-26
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 727-9207
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
HIP1090
Typical Performance Curves
FIGURE 5. CONTROL (QUIESCENT) CURRENT CHARACTER-
ISTIC WITH LOAD
FIGURE 6. CONTROL (QUIESCENT) CURRENT CHARACTER-
ISTIC WITH NO LOAD
FIGURE 7. SATURATION (VIN - VOUT) CHARACTERISTIC
VIN SUPPLY VOLTAGE (V)
50
40
30
20
10
0
0
5
10
15
20
TA = +25
oC
RLOAD = 16Ω
60
VCON = GND
VIN SUPPLY VOLTAGE (V)
25
20
15
10
5
0
0
5
10
15
20
30
TA = +25
oC
VOUT OPEN
VCON = GND
1000
800
600
400
200
0
LOAD CURRENT (A)
0
0.5
1.0
1.5
TA = +25
oC
RLOAD = 16Ω
VCON = GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com