Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP1090AS Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP1090AS
Description  Protected High Side Power Switch with Transient Suppression
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1090AS Datasheet(HTML) 3 Page - Intersil Corporation

  HIP1090AS Datasheet HTML 1Page - Intersil Corporation HIP1090AS Datasheet HTML 2Page - Intersil Corporation HIP1090AS Datasheet HTML 3Page - Intersil Corporation HIP1090AS Datasheet HTML 4Page - Intersil Corporation HIP1090AS Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
9-24
HIP1090
Applications
The HIP1090 may be used as a “hard-wired pass-thru”
device to protect the load from source voltage transients or
may be used as an active high side power interface switch
with up to 1A of Load current capability. An ON state
condition of (VIN - 4V) ≤ VCON ≤ (VIN - 16V) is the normal
range required to activate the high pass switch, allowing the
supply source to conduct through the PNP to the load. When
the control terminal, VCON is open, the high pass switch is
open (no conduction). Figure 2 shows an HIP1090
application example with a switch in the VCON terminal. In
comparison to the hard wired circuit of Figure 1 where pin 2
is fixed at ground, pin 2 in the circuit of Figure 2 is switched
from open to ground to turn-ON the high pass switch. Used
in this mode, the HIP1090 is both an effective transient
suppressor and a high pass switch. The switch in the VCON
terminal may be active or passive and conducts typically
less than 50mA of current. The HIP1090 used in the con-
trolled switching mode retains all of the protected features of
the device. In either circuit the output capacitor may be
increased in size to hold charge longer during transient
interruptions at the input. The charge duration for larger
capacitors or for lamp loads is tolerated because of the
internal short circuit current limiting protection. Sustained
short circuits may cause the junction temperature to reach
the thermal shutdown temperature (150oC).
FIGURE 1. TYPICAL APPLICATION OF THE HIP1090 AS A TRANSIENT SUPPRESSOR IN A “PASS-THRU” MODE
FIGURE 2. TYPICAL APPLICATIONS OF THE HIP1090 AS A TRANSIENT SUPPRESSOR IN A HIGH PASS SWITCH MODE
BASE
CURRENT
LIMIT
2
VCON
(CONTROL OR GND)
RS
3
VOUT
CURRENT
AMPLIFIER
OVER-
VOLTAGE
SHUTDOWN
VCESAT
DETECTOR
THERMAL
LIMIT
1
VIN
VBATT
SWITCH
INPUT
0.47
µF
DASH PANEL LOAD
TO OTHER
LIGHTS
AND
INSTRUMENTS
BASE
CURRENT
LIMIT
2
VCON
(CONTROL)
RS
3
VOUT
CURRENT
AMPLIFIER
OVER-
VOLTAGE
SHUTDOWN
VCESAT
DETECTOR
THERMAL
LIMIT
1
VIN
VBATT
INPUT
0.47
µF
SWITCH
OFF
TO
1000
µF
NOTE:
VLOAD = VBATT - VSAT
VSAT TYP < 0.8V at 1A
ON



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com