Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1021 Datasheet(PDF) 18 Page - Asahi Kasei Microsystems

Part # AP1021
Description  32V Dual Microstepping Motor Driver IC with SPI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1021 Datasheet(HTML) 18 Page - Asahi Kasei Microsystems

Back Button AP1021 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 15Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 16Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 17Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 18Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 19Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 20Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 21Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 22Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
[AP1021]
015000428-E-00
2015/01
- 18 -
Address : 02H
7
6
5
4
3
2
1
0
R
Reserved
OE34
OE12
W
default
0
0
0
0
0
0
0
0
BIT
Field
R/W
Description
7-2
Reserved
R
Reserved
1
OE34
R/W
The Output Enable Of Motor Driver 3 & 4 Setting.
0: Motor Driver3/4 Output Disable
1: Motor Driver3/4
Output Enable
0
OE12
R/W
The Output Enable Of Motor Driver 1 & 2 Setting.
0: Motor Driver1/2 Output Disable
1: Motor Driver1/2 Output Enable
Address : 03H
7
6
5
4
3
2
1
0
R
Reserved
SELOE
W
default
0
0
0
0
0
0
0
0
BIT
Field
R/W
Description
7-2
Reserved
R
Reserved
0
SELOE
R/W
The bit which chooses whether Enable setup is carried
out to register control or pin control.
0: OE12, OE34 bit register control
1: OE12, OE34 pin control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com