Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1021 Datasheet(PDF) 15 Page - Asahi Kasei Microsystems

Part # AP1021
Description  32V Dual Microstepping Motor Driver IC with SPI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1021 Datasheet(HTML) 15 Page - Asahi Kasei Microsystems

Back Button AP1021 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 15Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 16Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 17Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 18Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 19Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
[AP1021]
015000428-E-00
2015/01
- 15 -
2. Continuous Data Writing and Reading Mode
Address is incremented automatically and data is written continuously.
When the written address or the
read-out address reaches 03H, it is automatically incremented to 00H.
In this mode, registers are written by 4-wire serial interface pins (CSN, SCK, SDI and SDO). The data on the
4-wire serial interface is 8 bit data, consisting of register address (MSB-first, 7bits), Read/Write and control
or output data (MSB-first, 8xN bits). The receiving data is latched on a rising edge (“”) of SCK. The first
write data becomes effective between the rising edge (“”) and the falling edge (“”) of 16th SCK. When
the micro-processor continues sending SDI and SCK clocks while the CSN pin = “L”, the address counter is
incremented automatically and writing data becomes effective between the rising edge (“”) and the falling
edge (“”) of every 8th SCK. For the last address, writing data becomes effective between the rising edge
(“”) of 8th SCK.
Similarly, in the case of read-out mode, when the micro-processor continues sending SCK clocks while the
CSN pin = “L” the address counter is incremented automatically and the data output from SDO at the falling
edge (“”) of SCK continuously. The clock speed of SCK is 2MHz (max).
Even through the writing data does not reach the last address; a write or read-out command can be completed
when the CSN pin is set to “H” as long as SCK is continuing being inputted.
When CSN “” was written before “” of 8th SCK in continuous data writing mode, the previous data
writing address becomes valid and the writing address is ignored.
After 8bits data in the last address became valid, put the CSN pin “H” to complete the write command. If the
SDI and SCK inputs are continued when the CSN pin = “L”, the data in the next address, which is
incremented, is over written.
CSN
SCK
1
2
3
4
5
6
7
8
9
10
15 16
1
2
SDI
A6 A5
A1
A2
A0
W
A3
D7 D6
D1 D0 D7 D6
A4
7
D1 D0
8
1
2
D7 D6
7
D1
8
D0
Clock,
‘H’ or ‘L’
‘H’ or ‘L’
Clock,
‘H’ or ‘L’
‘H’ or ‘L’
Address: n
Data (Addr: n)
Data (Addr: n+1)
Data (Addr: n+N-1)
A6-A0:
Register Address
R/W:
READ/WRITE (
“0”: WRITE)
D7-D0:
Control data (Input) at Write Command
Figure 6. Serial Control Interface Timing (Continuous Writing Mode)
CSN
SCK
1
2
3
4
5
6
7
8
9
10
15 16
1
2
SDI
A6 A5
A1
A2
A0
R
A3
A4
7
8
1
2
7
8
Clock,
‘H’ or ‘L’
‘H’ or ‘L’
Clock,
‘H’ or ‘L’
‘H’ or ‘L’
Address: n
A6-A0:
Register Address
R/W:
READ/WRITE (
“1”: READ)
D7-D0:
Output data at Read Command (8bit)
SDO
D7 D6
D1 D0 D7 D6
D1 D0
D7 D6
D1 D0
Hi-z
Data (Addr: n)
Data (Addr: n+1)
Data (Addr: n+N-1)
Hi-z
Figure 7. Serial Control Interface Timing (Continuous Reading Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com