Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1021 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AP1021
Description  32V Dual Microstepping Motor Driver IC with SPI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1021 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AP1021 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1021 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
[AP1021]
015000428-E-00
2015/01
- 10 -
・ISn terminal current in case of 1/64 step
Step#
Output
Current
Direction of
Current
Output
Current
Direction of
Current
STEP12
STEP34
IS1/3[%]
OUT1/3
IS2/4[%]
OUT2/ 4
(bin)
(hex)
0
100
CW
0
X
10010000
90
1
100
2
CW
10010001
91
2
100
5
10010011
93
3
100
7
10010010
92
4
100
10
10010110
96
5
99
12
10010111
97
6
99
15
10010101
95
7
98
17
10010100
94
8
98
20
10011100
9C
9
98
22
10011101
9D
10
97
24
10011111
9F
11
96
27
10011110
9E
12
96
29
10011010
9A
13
95
31
10011011
9B
14
94
34
10011001
99
15
93
36
10011000
98
16
93
38
10001000
88
17
91
40
10001001
89
18
91
43
10001011
8B
19
89
45
10001010
8A
20
88
47
10001110
8E
21
87
49
10001111
8F
22
86
51
10001101
8D
23
84
53
10001100
8C
24
83
56
10000100
84
25
82
58
10000101
85
26
80
60
10000111
87
27
79
62
10000110
86
28
77
64
10000010
82
29
76
65
10000011
83
30
74
67
10000001
81
31
73
69
10000000
80
32
71
71
00000000
00
33
69
73
00000001
01
34
67
74
00000011
03
35
65
76
00000010
02
36
64
77
00000110
06
37
62
79
00000111
07
38
60
80
00000101
05
39
58
82
00000100
04
40
56
83
00001100
0C
41
53
84
00001101
0D
42
51
86
00001111
0F
43
49
87
00001110
0E
44
47
88
00001010
0A
45
45
89
00001011
0B
46
43
91
00001001
09
47
40
91
00001000
08
48
38
93
00011000
18
49
36
93
00011001
19
50
34
94
00011011
1B
51
31
95
00011010
1A
52
29
96
00011110
1E
53
27
96
00011111
1F
54
24
97
00011101
1D
55
22
98
00011100
1C
56
20
98
00010100
14
57
17
98
00010101
15
58
15
99
00010111
17
59
12
99
00010110
16
60
10
100
00010010
12
61
7
100
00010011
13
62
5
100
00010001
11
63
2
100
00010000
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com