Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9307AL2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS9307AL2
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9307AL2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS9307AL2 Datasheet HTML 4Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 5Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 6Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 7Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 8Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 9Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 10Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 11Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PS9307AL, PS9307AL2
R08DS0122EJ0100 Rev.1.00
Page 8 of 18
May 16, 2014
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
25
50
75
100
150
125
0
300
250

200

150

100

50
25
50
75
100
150
125
0
VCC = 30 V,
VEE = GND,
Vth = 5 V
−50 −25
100 125
50
75
025
150
1
0
02
3
35
30
25
20
15
10
5
50
40
30
20
10
1.0
0.01
0.1
1
10
100
3
2
1
0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TA = 125
°C
100
°C
85
°C
50
°C
25
°C
−20°C
−40°C
0
−2
−4
−6
−10
−8
2.0
0.0
0.5
1.0
1.5
IFLH
IFHL
VCC = 30 V,
VEE = GND
VCC = 30 V,
VEE = GND,
IF = 10 mA
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
DIODE POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
Forward Current IF (mA)
HIGH LEVEL OUTPUT CURRENT vs. HIGH LEVEL
OUTPUT VOLTAGE – SUPPLY VOLTAGE
High Level Output Voltage – Supply
Voltage VOH – VCC (V)
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com