Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9307AL2 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS9307AL2
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9307AL2 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS9307AL2 Datasheet HTML 6Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 7Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 8Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 9Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 10Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 11Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 12Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 13Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PS9307AL, PS9307AL2
R08DS0122EJ0100 Rev.1.00
Page 10 of 18
May 16, 2014
−25
0
25
50
100
75
−50
2.5
1.5
2.0
1.0
0.5
0.0
125 150
ICCH
ICCL
010
15
520
35
30
25
2.5
2.0
0.0
0.5
1.0
1.5
ICCH
ICCL
2.0
0.0
0.5
1.0
1.5
−25
0
25
50
100
75
−50
125 150
−25
0
25
50
100
75
−50
125 150
−25
0
25
50
100
75
−50
125 150
−25
0
25
50
100
75
−50
125 150
2.0
0.0
0.5
1.0
1.5
Ambient Temperature TA (
°C)
2.0
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
VCC = 30 V,
VEE = GND,
VO = OPEN
VEE = GND,
VO = OPEN
VCC = 30 V, VEE = GND,
IF = 10 mA
VCC = 30 V, VEE = GND,
IF = 0 mA
VCC = 30 V, VEE = GND,
IF = 10 mA
VCC = 30 V, VEE = GND,
IF = 0 mA
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
HIGH LEVEL OUTPUT VOLTAGE – SUPPLY
VOLTAGE vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
Supply Voltage VCC (V)
Ambient Temperature TA (
°C)
LOW LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
HIGH LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
VO
−VCC = −10 V
VO
−VCC = −4 V
VO = 10 V
VO = 2.5 V
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com