Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9307AL2 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS9307AL2
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9307AL2 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS9307AL2 Datasheet HTML 5Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 6Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 7Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 8Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 9Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 10Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 11Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 12Page - Renesas Technology Corp PS9307AL2 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PS9307AL, PS9307AL2
R08DS0122EJ0100 Rev.1.00
Page 9 of 18
May 16, 2014
6
5
10
15
20
25
tPHL
PWD
tPLH
010
15
20
525
30
35
tPHL
PWD
tPLH
0
50
100
tPHL
tPLH
PWD
02
4
6
10
8
050
100
tPHL
PWD
tPLH
0
−50 −25
25
50
75
100
tPHL
tPLH
125 150
PWD
VCC = 30 V,
VEE = GND,
IF = 0 mA
VCC = 30 V, VEE = GND, Rg = 47
Ω,
Cg = 3 nF, IF = 10 mA, f = 50 kHz,
Duty cycle = 50%
VCC = 30 V, VEE = GND, Cg = 3 nF,
IF = 10 mA, f = 50 kHz, Duty cycle = 50%
LOW LEVEL OUTPUT CURRENT vs.
LOW LEVEL OUTPUT VOLTAGE
Low Level Output Voltage VOL (V)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
Forward Current IF (mA)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD CAPACITANCE
Load Capacitance Cg (nF)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD RESISTANCE
Load Resistance Rg (
Ω)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
VCC = 30 V, VEE = GND,
Rg = 47
Ω, Cg = 3 nF,
f = 50 kHz, Duty cycle = 50%
VCC = 30 V, VEE = GND, Rg = 47
Ω,
Cg = 3 nF, IF = 10 mA, f = 50 kHz,
Duty cycle = 50%
VCC = 30 V, VEE = GND, Rg = 47
Ω,
IF = 10 mA, f = 50 kHz, Duty cycle = 50%
0.0
0.5
1.0
1.5
2.0
0
60
30
90
120
150
0
60
30
90
120
150
0
60
30
90
120
150
0
60
30
90
120
150
0
60
30
90
120
150
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com