Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9812G2KB Datasheet(PDF) 4 Page - Winbond

Part # W9812G2KB
Description  1M X 4 BANKS X 32 BITS SDRAM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9812G2KB Datasheet(HTML) 4 Page - Winbond

  W9812G2KB Datasheet HTML 1Page - Winbond W9812G2KB Datasheet HTML 2Page - Winbond W9812G2KB Datasheet HTML 3Page - Winbond W9812G2KB Datasheet HTML 4Page - Winbond W9812G2KB Datasheet HTML 5Page - Winbond W9812G2KB Datasheet HTML 6Page - Winbond W9812G2KB Datasheet HTML 7Page - Winbond W9812G2KB Datasheet HTML 8Page - Winbond W9812G2KB Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
W9812G2KB
Publication Release Date: Jun. 20, 2014
- 4 -
Revision: A01
BLOCK DIAGRAM (DDP)
CLK
CKE
CS
CAS, RAS, WE
BS0, BS1
A[11:0]
VDD
VDDQ
VSS
VSSQ
LDQM, UDQM
DQ[15:0]
64M (x16) bits
SDRAM 1
VDD
VDDQ
VSS
VSSQ
DQM0, DMQ1
DQ[15:0]
DQM2, DQM3
DQ[31:16]
CLK
CKE
BS0, BS1
A[11:0]
CLK
CKE
BS0, BS1
A[11:0]
VDD
VDDQ
VSS
VSSQ
LDQM, UDQM
DQ[15:0]
64M (x16) bits
SDRAM 2
CAS, RAS, WE
CS
CAS, RAS, WE
CS
Note:
There two same 4M x16 SDRAM chips sealed in this product. The specification in the following
pages are for the one chip, the 64M
bits SDRAM’ except output slew rate, IDD and ball capacitance.
Although each die is tested individually within the dual-die package, some stacked die test results
may vary from a like-die tested within a monolithic die package.
3.
ORDER INFORMATION
PART NUMBER
SPEED
SELF REFRESH
CURRENT (MAX.)
OPERATING
TEMPERATURE
W9812G2KB-6
166MHz/CL3
4mA
0°C ~ 70°C
W9812G2KB-6I
166MHz/CL3
4mA
-40°C ~ 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com