Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7650SCPD Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL7650SCPD
Description  2MHz, Super Chopper-Stabilized Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7650SCPD Datasheet(HTML) 4 Page - Intersil Corporation

  ICL7650SCPD Datasheet HTML 1Page - Intersil Corporation ICL7650SCPD Datasheet HTML 2Page - Intersil Corporation ICL7650SCPD Datasheet HTML 3Page - Intersil Corporation ICL7650SCPD Datasheet HTML 4Page - Intersil Corporation ICL7650SCPD Datasheet HTML 5Page - Intersil Corporation ICL7650SCPD Datasheet HTML 6Page - Intersil Corporation ICL7650SCPD Datasheet HTML 7Page - Intersil Corporation ICL7650SCPD Datasheet HTML 8Page - Intersil Corporation ICL7650SCPD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Test Circuit
Application Information
Detailed Description
AMPLIFIER
The functional diagram shows the major elements of the
ICL7650S. There are two amplifiers, the main amplifier, and the
nulling amplifier. Both have offset-null capability. The main
amplifier is connected continuously from the input to the output,
while the nulling amplifier, under the control of the chopping
oscillator and clock circuit, alternately nulls itself and the main
amplifier. The nulling connections, which are MOSFET gates,
are inherently high impedance, and two external capacitors
provide the required storage of the nulling potentials and the
necessary nulling-loop time constants. The nulling arrangement
operates over the full common-mode and power-supply ranges,
and is also independent of the output level, thus giving
exceptionally high CMRR, PSRR, and AVOL.
Careful balancing of the input switches, and the inherent
balance of the input circuit, minimizes chopper frequency
charge injection at the input terminals, and also the feed
forward-type injection into the compensation capacitor, which
is the main cause of output spikes in this type of circuit.
INTERMODULATION
Previous chopper-stabilized amplifiers have suffered from
intermodulation effects between the chopper frequency and
input signals. These arise because the finite AC gain of the
amplifier necessitates a small AC signal at the input. This is
seen by the zeroing circuit as an error signal, which is
chopped and fed back, thus injecting sum and difference
frequencies and causing disturbances to the gain and phase
vs frequency characteristics near the chopping frequency.
These effects are substantially reduced in the ICL7650S by
feeding the nulling circuit with a dynamic current,
corresponding to the compensation capacitor current, in such
a way as to cancel that portion of the input signal due to finite
AC gain. Since that is the major error contribution to the
ICL7650S, the intermodulation and gain/phase disturbances
are held to very low values, and can generally be ignored.
CAPACITOR CONNECTION
The null/storage capacitors should be connected to the
CEXTA and CEXTB pins, with a common connection to the
CRETN pin. This connection should be made directly by
either a separate wire or PC trace to avoid injecting load
current IR drops into the capacitive circuitry. The outside foil,
where available, should be connected to CRETN.
OUTPUT CLAMP
The OUTPUT CLAMP pin allows reduction of the overload
recovery time inherent with chopper-stabilized amplifiers.
When tied to the inverting input pin, or summing junction, a
current path between this point and the OUTPUT pin occurs
just before the device output saturates. Thus uncontrolled
input differentials are avoided, together with the consequent
charge buildup on the correction-storage capacitors. The
output swing is slightly reduced.
CLOCK
The ICL7650S has an internal oscillator, giving a chopping
frequency of 200Hz, available at the CLOCK OUT pin on the 14
pin devices. Provision has also been made for the use of an
external clock in these parts. The INT/EXT pin has an internal
pull-up and may be left open for normal operation, but to utilize
an external clock this pin must be tied to V- to disable the
internal clock. The external clock signal may then be applied to
the EXT CLOCK IN pin. An internal divide-by-two provides the
Output Sink Current
IO SINK
25
25
30
-
mA
0 to 70
20
-
-
mA
Internal Chopping Frequency
fCH
Pins 13 and 14 Open
25
120
250
375
Hz
Clamp ON Current (Note 5)
RL = 100kΩ
25
25
70
-
µA
Clamp OFF Current (Note 5)
-4V
≤ VOUT ≤ +4V
25
-
0.001
5
nA
0 to 70
-
-
10
nA
NOTES:
3. These parameters are guaranteed by design and characterization, but not tested at temperature extremes because thermocouple effects prevent
precise measurement of these voltages in automatic test equipment.
4. OUTPUT CLAMP not connected. See typical characteristic curves for output swing vs clamp current characteristics.
5. See OUTPUT CLAMP under detailed description.
6. All significant improvements over the industry-standard ICL7650 are highlighted in bold italics.
Electrical Specifications
VSUPPLY = ±5V. See Test Circuit, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP.
(oC)
MIN
TYP
MAX
UNITS
ICL7650S
+
-
OUTPUT
R2
1M
Ω
C
CR
0.1
µF
0.1
µF
C
R1
1M
Ω
ICL7650S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com