Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7650SCPD Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL7650SCPD
Description  2MHz, Super Chopper-Stabilized Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7650SCPD Datasheet(HTML) 3 Page - Intersil Corporation

  ICL7650SCPD Datasheet HTML 1Page - Intersil Corporation ICL7650SCPD Datasheet HTML 2Page - Intersil Corporation ICL7650SCPD Datasheet HTML 3Page - Intersil Corporation ICL7650SCPD Datasheet HTML 4Page - Intersil Corporation ICL7650SCPD Datasheet HTML 5Page - Intersil Corporation ICL7650SCPD Datasheet HTML 6Page - Intersil Corporation ICL7650SCPD Datasheet HTML 7Page - Intersil Corporation ICL7650SCPD Datasheet HTML 8Page - Intersil Corporation ICL7650SCPD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . (V+ +0.3) to (V- -0.3)
Voltage on Oscillator Control Pins . . . . . . . . . . . . . . . . . . . . V+ to V-
Duration of Output Short Circuit. . . . . . . . . . . . . . . . . . . . . Indefinite
Current to Any Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
While Operating (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . .100
µA
Operating Conditions
Temperature Range
ICL7650SC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
8 Lead PDIP Package . . . . . . . . . . . . .
120
N/A
14 Lead PDIP Package . . . . . . . . . . . .
80
N/A
8 Lead SOIC Package . . . . . . . . . . . . .
160
N/A
Metal Can Package . . . . . . . . . . . . . . .
160
75
Maximum Junction Temperature (Hermetic Package) . . . . . . . .175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -55oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Limiting input current to 100
µA is recommended to avoid latchup problems. Typically 1mA is safe, however this is not guaranteed.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±5V. See Test Circuit, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP.
(oC)
MIN
TYP
MAX
UNITS
Input Offset Voltage (Note 3)
VOS
25
-
±0.7
±5
µV
0 to 70
-
±1
±8
µV
Average Temperature Coefficient of
Input Offset Voltage (Note 3)
∆VOS/∆T
0 to 70
-
0.02
-
µV/oC
Change in Input Offset with Time
∆VOS/∆T
25
-
100
-
nV/
√month
Input Bias Current |I(+)|, |I(-)|
IBIAS
25
-
4
10
pA
0 to 70
-
520
pA
Input Offset Current |I(-), |I(+)|
IOS
25
-
820
pA
0 to 70
-
10
40
pA
Input Resistance
RIN
25
-
1012
-
Ω
Large Signal Voltage Gain (Note 3)
AVOL
RL = 10kΩ, VO = ±4V
25
135
150
-dB
0 to 70
130
--
dB
Output Voltage Swing (Note 4)
VOUT
RL = 10kΩ
25
±4.7
±4.85
-
V
RL = 100kΩ
25
-
±4.95
-
V
Common Mode Voltage Range (Note 3)
CMVR
25
-5
-5.2 to +4
3.5
V
0 to 70
-5
-
3.5
V
Common Mode Rejection Ratio
(Note 3)
CMRR
CMVR = -5V to +3.5V
25
120
140
-dB
0 to 70
120
--
dB
Power Supply Rejection Ratio
PSRR
VS = ±3V to ±8V
25
120
140
-dB
Input Noise Voltage
eN
RS = 100Ω,
f = DC to 10Hz
25
-
2
-
µVP-P
Input Noise Current
iN
f = 10Hz
25
-
0.01
-
pA/
√Hz
Gain Bandwidth Product
GBWP
25
-
2
-
MHz
Slew Rate
SR
CL = 50pF, RL = 10kΩ
25
-
2.5
-
V/
µs
Rise Time
tR
25
-
0.2
-
µs
Overshoot
OS
25
-
20
-
%
Operating Supply Range
V+ to V-
25
4.5
-
16
V
Supply Current
ISUPP
No Load
25
-
2
3
mA
0 to 70
-
-
3.2
mA
Output Source Current
IO SOURCE
25
2.9
4.5
-
mA
0 to 70
2.3
-
-
mA
ICL7650S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com