Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7650SCPD Datasheet(PDF) 14 Page - Intersil Corporation

Part # ICL7650SCPD
Description  2MHz, Super Chopper-Stabilized Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7650SCPD Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ICL7650SCPD Datasheet HTML 6Page - Intersil Corporation ICL7650SCPD Datasheet HTML 7Page - Intersil Corporation ICL7650SCPD Datasheet HTML 8Page - Intersil Corporation ICL7650SCPD Datasheet HTML 9Page - Intersil Corporation ICL7650SCPD Datasheet HTML 10Page - Intersil Corporation ICL7650SCPD Datasheet HTML 11Page - Intersil Corporation ICL7650SCPD Datasheet HTML 12Page - Intersil Corporation ICL7650SCPD Datasheet HTML 13Page - Intersil Corporation ICL7650SCPD Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
ICL7650S
Metal Can Packages (Can)
NOTES:
1. (All leads) Øb applies between L1 and L2. Øb1 applies between
L2 and 0.500 from the reference plane. Diameter is uncontrolled
in L1 and beyond 0.500 from the reference plane.
2. Measured from maximum diameter of the product.
3.
α is the basic spacing from the centerline of the tab to terminal 1
and
β is the basic spacing of each lead or lead position (N -1
places) from
α, looking at the bottom of the package.
4. N is the maximum number of terminal positions.
5. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
6. Controlling dimension: INCH.
Øb
ØD2
Ø
e
k1
k
β
Øb1
BASE AND
SEATING PLANE
F
Q
ØD ØD1
L1
L2
REFERENCE PLANE
L
A
α
Øb2
Øb1
BASE METAL
LEAD FINISH
SECTION A-A
A
A
N
e1
C
L
2
1
T8.C MIL-STD-1835 MACY1-X8 (A1)
8 LEAD METAL CAN PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.165
0.185
4.19
4.70
-
Øb
0.016
0.019
0.41
0.48
1
Øb1
0.016
0.021
0.41
0.53
1
Øb2
0.016
0.024
0.41
0.61
-
ØD
0.335
0.375
8.51
9.40
-
ØD1
0.305
0.335
7.75
8.51
-
ØD2
0.110
0.160
2.79
4.06
-
e
0.200 BSC
5.08 BSC
-
e1
0.100 BSC
2.54 BSC
-
F
-
0.040
-
1.02
-
k
0.027
0.034
0.69
0.86
-
k1
0.027
0.045
0.69
1.14
2
L
0.500
0.750
12.70
19.05
1
L1
-
0.050
-
1.27
1
L2
0.250
-
6.35
-
1
Q
0.010
0.045
0.25
1.14
-
α
45o BSC
45o BSC
3
β
45o BSC
45o BSC
3
N8
8
4
Rev. 0 5/18/94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com