Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3207GR-E1 Datasheet(PDF) 4 Page - NEC

Part # UPC3207GR-E1
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3207GR-E1 Datasheet(HTML) 4 Page - NEC

  UPC3207GR-E1 Datasheet HTML 1Page - NEC UPC3207GR-E1 Datasheet HTML 2Page - NEC UPC3207GR-E1 Datasheet HTML 3Page - NEC UPC3207GR-E1 Datasheet HTML 4Page - NEC UPC3207GR-E1 Datasheet HTML 5Page - NEC UPC3207GR-E1 Datasheet HTML 6Page - NEC UPC3207GR-E1 Datasheet HTML 7Page - NEC UPC3207GR-E1 Datasheet HTML 8Page - NEC UPC3207GR-E1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
µPC3207GR
4
Data Sheet P13717EJ3V0DS00
Pin No.
Symbol
Function and Explanation
Equivalent Circuit
11
REG
Monitor pin of regulator output voltage.
12
IF output
IF signal output pin of VHF-UHF band
functions.
13
VCC
Power supply pin for VHF-UHF band
functions.
14
MIX
VHF and UHF MIX output pins.
output1
These pins should be equipped with tank
15
MIX
circuit to adjust intermediate frequency.
output2
16
VRF input
Bypass pin for VHF MIX input.
(bypass)
Grounded through capacitor.
17
VRF input
VRF signal input pin.
18
GND
GND pin of MIX, IF amplifier and
regulator.
19
URF input
Bypass pin for UHF Mü\œinput.
(bypass)
Grounded through capacitor.
20
URF input
URF signal input pin.
12
14
15
16
17
14
15
20
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com