Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3207GR-E1 Datasheet(PDF) 6 Page - NEC

Part # UPC3207GR-E1
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3207GR-E1 Datasheet(HTML) 6 Page - NEC

Back Button UPC3207GR-E1 Datasheet HTML 2Page - NEC UPC3207GR-E1 Datasheet HTML 3Page - NEC UPC3207GR-E1 Datasheet HTML 4Page - NEC UPC3207GR-E1 Datasheet HTML 5Page - NEC UPC3207GR-E1 Datasheet HTML 6Page - NEC UPC3207GR-E1 Datasheet HTML 7Page - NEC UPC3207GR-E1 Datasheet HTML 8Page - NEC UPC3207GR-E1 Datasheet HTML 9Page - NEC UPC3207GR-E1 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
µPC3207GR
6
Data Sheet P13717EJ3V0DS00
ELECTRICAL CHARACTERISTICS
(TA = +25
°C, VCC = 9 V, fIF = 45 MHz, fOSC = fRF + 45 MHz, POSC = –10 dBm)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current 1
ICC1
@VHF, no input signal
Notes 1, 2
31.0
38.0
45.0
mA
Circuit Current 2
ICC2
@UHF, no input signal
Notes 1, 2
31.0
38.0
45.0
mA
Conversion Gain 1
CG1
VHF, fRF = 55 MHz, PRF = –30 dBm
Note 3
18.5
22.0
25.5
dB
Conversion Gain 2
CG2
VHF, fRF = 200 MHz, PRF = –30 dBm
Note 3
18.5
22.0
25.5
dB
Conversion Gain 3
CG3
VHF, fRF = 470 MHz, PRF = –30 dBm
Note 3
18.5
22.0
25.5
dB
Conversion Gain 4
CG4
UHF, fRF = 470 MHz, PRF = –30 dBm
Note 3
24.5
28.0
31.5
dB
Conversion Gain 5
CG5
UHF, fRF = 890 MHz, PRF = –30 dBm
Note 3
24.5
28.0
31.5
dB
Noise Figure 1
NF1
VHF, fRF = 55 MHz
Note 4
—
11.0
14.0
dB
Noise Figure 2
NF2
VHF, fRF = 200 MHz
Note 4
—
11.0
14.0
dB
Noise Figure 3
NF3
VHF, fRF = 470 MHz
Note 4
—
11.0
14.0
dB
Noise Figure 4
NF4
UHF, fRF = 470 MHz
Note 4
—
9.5
12.5
dB
Noise Figure 5
NF5
UHF, fRF = 890 MHz
Note 4
—
10.0
13.0
dB
Maximum Output Power 1
Po (sat)1
VHF, fRF = 55 MHz, PRF = 0 dBm
Note 3
7.0
10.0
—
dBm
Maximum Output Power 2
Po (sat)2
VHF, fRF = 200 MHz, PRF = 0 dBm
Note 3
7.0
10.0
—
dBm
Maximum Output Power 3
Po (sat)3
VHF, fRF = 470 MHz, PRF = 0 dBm
Note 3
7.0
10.0
—
dBm
Maximum Output Power 4
Po (sat)4
UHF, fRF = 470 MHz, PRF = 0 dBm
Note 3
7.0
10.0
—
dBm
Maximum Output Power 5
Po (sat)5
UHF, fRF = 890 MHz, PRF = 0 dBm
Note 3
7.0
10.0
—
dBm
Notes 1. no resistance of OSC output
2. By measurement circuit 1
3. By measurement circuit 2
4. By measurement circuit 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com