Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3207GR-E1 Datasheet(PDF) 10 Page - NEC

Part # UPC3207GR-E1
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3207GR-E1 Datasheet(HTML) 10 Page - NEC

Back Button UPC3207GR-E1 Datasheet HTML 6Page - NEC UPC3207GR-E1 Datasheet HTML 7Page - NEC UPC3207GR-E1 Datasheet HTML 8Page - NEC UPC3207GR-E1 Datasheet HTML 9Page - NEC UPC3207GR-E1 Datasheet HTML 10Page - NEC UPC3207GR-E1 Datasheet HTML 11Page - NEC UPC3207GR-E1 Datasheet HTML 12Page - NEC UPC3207GR-E1 Datasheet HTML 13Page - NEC UPC3207GR-E1 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
µPC3207GR
10
Data Sheet P13717EJ3V0DS00
INPUT IMPEDANCE (BY MEASUREMENT CIRCUIT 5)
<VRF INPUT: 17 PIN>
1
3
2
START
STOP
0.045000000 GHz
0.450000000 GHz
45 MHz
200 MHz
450 MHz
1:
2:
3:
851.97
Ω –275.69 Ω
346.66
Ω –441.2 Ω
112.42
Ω –265.13 Ω
<URF INPUT: 20 PIN>
3
2
1
START
STOP
0.400000000 GHz
0.900000000 GHz
400 MHz
650 MHz
900 MHz
1:
2:
3:
105.59
Ω –265.56 Ω
55.539
Ω –169.88 Ω
39.918
Ω –119.70 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com