Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC201 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMC201
Description  Motion Coprocessor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC201 Datasheet(HTML) 4 Page - Analog Devices

  ADMC201_15 Datasheet HTML 1Page - Analog Devices ADMC201_15 Datasheet HTML 2Page - Analog Devices ADMC201_15 Datasheet HTML 3Page - Analog Devices ADMC201_15 Datasheet HTML 4Page - Analog Devices ADMC201_15 Datasheet HTML 5Page - Analog Devices ADMC201_15 Datasheet HTML 6Page - Analog Devices ADMC201_15 Datasheet HTML 7Page - Analog Devices ADMC201_15 Datasheet HTML 8Page - Analog Devices ADMC201_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ADMC201
REV. B
–4–
ORDERING GUIDE
Part
Temperature
Package
Package
Number
Range
Description
Option
ADMC201AP
–40
°C to +85°C
68-Pin PLCC
P-68A
23
25
26
16
CLK
CS
A0–A3
RD
DATA
22
20
21
18
19
17
Figure 4. Read Cycle Timing Diagram
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . –0.3 V to +7.0 V
Digital Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD
Analog Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD
Analog Reference Input Voltage . . . . . . . . . . . . –0.3 V to VDD
Digital Output Voltage Swing . . . . . . . . . . . . . . –0.3 V to VDD
Analog Reference Output Swing . . . . . . . . . . . . –0.3 V to VDD
Operating Temperature . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +280
°C
*Stresses greater than those listed above may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at
these or any other conditions greater than those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADMC201 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com