Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC201 Datasheet(PDF) 12 Page - Analog Devices

Part # ADMC201
Description  Motion Coprocessor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC201 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADMC201_15 Datasheet HTML 7Page - Analog Devices ADMC201_15 Datasheet HTML 8Page - Analog Devices ADMC201_15 Datasheet HTML 9Page - Analog Devices ADMC201_15 Datasheet HTML 10Page - Analog Devices ADMC201_15 Datasheet HTML 11Page - Analog Devices ADMC201_15 Datasheet HTML 12Page - Analog Devices ADMC201_15 Datasheet HTML 13Page - Analog Devices ADMC201_15 Datasheet HTML 14Page - Analog Devices ADMC201_15 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ADMC201
REV. B
–12–
Table III. Write Registers
Name
A3
A2
A1
A0
Register Function
RHO
0000
Load RHO (
ρ) and Start Reverse Transform
PHIP1/VD
0001
Reverse Rotation Direct Input/Forward Direct Input
PHIP2/VQ
0010
Reverse Rotation Direct Input/Forward Direct Input
PHIP3
0011
Reverse Rotation Direct Input
RHOP
0100
Load RHOP (
ρ) and Start Forward Transform
PWMTM
0101
PWM Master Switching Period
PWMCHA
0110
PWM Channel A On-Time
PWMCHB
0111
PWM Channel B On-Time
PWMCHC
1000
PWM Channel C On-Time
PWMDT
1001
PWM Programmable Deadtime (7-Bit Register)
PWMPD
1010
PWM Pulse Deletion Value (7-Bit Register)
PIOCTRL
1011
Digital I/O Control
PIODATA
1100
Digital I/O Data Write (6-Bit Register)
SYSCTRL
1101
System Control
1110
Reserved
1111
Reserved
Table IV. Read Registers
Name
A3
A2
A1
A0
Register Function
ID/PHV1/VX
0000
Reverse Rotation Result (IDS)/Forward Result Cos +0
°
IQ/PHV2
0001
Reverse Rotation Result (IQS)/Forward Cos +120
°
IX/PHV3
0010
Reverse Clarke Cos +0
°/Forward Result Cos +240°
IY/VY
0011
Reverse Clarke Cos +90
°/Forward Cos +90°
0100
Reserved
ADCV
0101
A/D Conversion Result Channel V
ADCW
0110
A/D Conversion Result Channel W
ADCAUX
0111
A/D Conversion Result Auxiliary Channel
ADCU
1000
A/D Conversion Result Channel U
1001
Reserved
1010
Reserved
1011
Reserved
PIODATA
1100
Digital I/O Data Read (6-Bit Register)
SYSCTRL
1101
System Control
SYSSTAT
1110
System Status
1111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com