Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC201 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMC201
Description  Motion Coprocessor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC201 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMC201_15 Datasheet HTML 2Page - Analog Devices ADMC201_15 Datasheet HTML 3Page - Analog Devices ADMC201_15 Datasheet HTML 4Page - Analog Devices ADMC201_15 Datasheet HTML 5Page - Analog Devices ADMC201_15 Datasheet HTML 6Page - Analog Devices ADMC201_15 Datasheet HTML 7Page - Analog Devices ADMC201_15 Datasheet HTML 8Page - Analog Devices ADMC201_15 Datasheet HTML 9Page - Analog Devices ADMC201_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADMC201
REV. B
–6–
Interrupt Driven Method
Interrupts can be used to indicate the end of conversion for a
group of channels. Before beginning any A/D conversions, Bit 7
of the SYSCTRL register must be set to 1 to enable A/D con-
version interrupts. Then, when an A/D conversion is complete,
an interrupt will be generated. After an interrupt is detected,
Bit 0 of the SYSSTAT register must be checked to determine if
the A/D converter was the source. Reading the SYSSTAT reg-
ister automatically clears the interrupt flag bits.
Software Timing Method
An alternative method is to use the DSP or microcontroller to
keep track of the amount of time elapsed between CONVST
and the expected completion time (n
× tCONV).
Reading Results
The 11-bit A/D conversion results for channels U, V, W and
AUX are stored in the ADCU, ADCV, ADCW and ADCAUX
registers respectively. The twos complement data is left justified
and the LSB is set to zero. The relationship between input volt-
age and output coding is shown in Figure 5.
0 11111111110
000000000000
100000000000
OUTPUT
CODE
FULL-SCALE
TRANSITION
0V
2.5
5V–1LSB
INPUT VOLTAGE
FS = 5V
LSB =
5V
2048
Figure 5. Transfer Function
Sample and Hold
After powering up the ADMC201, bring the
RESET pin low for
a minimum of two clock cycles in order to enable A/D conversions.
Before initiating the first conversion (CONVST) after a reset,
the SHA time of 20 system clock cycles must occur. A conversion
is initiated by bringing CONVST high for a minimum of one
system clock cycle. The SHA goes into hold mode at the falling
edge of clock.
Following completion of the A/D conversion process, a minimum
of 20 system clock cycles are required before initiating another
conversion in order to allow the sample and hold circuitry to
reacquire the input signals.
If a CONVST is initiated before the 20 clock cycles have elapsed,
the embedded control sequencer will delay conversion until this
requirement is met.
ANALOG INPUT BLOCK
The ADMC201 contains an 11-bit resolution, successive approxi-
mation analog-to-digital (A/D) converter with twos complement
output data format. The analog input range is
±2.5 V (0 V–5 V)
with a 2.5 V offset as defined by REFIN. The on-chip 2.5 V
±
5% reference is utilized by connecting the REFOUT pin to the
REFIN pin.
The input stage to the A/D converter is a four channel SHA
which allows the four channels (U, V, W and AUX) to be held
simultaneously and then sequentially digitized. The auxiliary
input (AUX) is fed by a four channel multiplexer that allows the
channels AUX0, AUX1, AUX2 and AUX3 to be individually
converted along with the primary channels U, V and W. The
auxiliary inputs are ideal for reading slower changing variables
such as bus voltage and temperature. The A/D conversion time
is determined by the system clock frequency, which can range
from 6.25 MHz to 12.5 MHz. The Sample and Hold (SHA)
acquisition time is 20 system clock cycles and is independent of
the number of channels sampled and/or digitized. Forty system
clock cycles are required to complete each A/D conversion. The
analog channel sampling is flexible and is programmable
through the SYSCTRL register. The minimum number of
channels per conversion is two. The throughput time of the
analog acquisition block can be calculated as follows:
t
AA = tSHA + ( n × tCONV )
where
tAA = analog acquisition time,
n = # channels,
tSHA = SHA acquisition time (20
× system clock period),
tCONV = conversion time (40
× system clock period) per channel.
A/D Conversions are initiated via the CONVST pin. A syn-
chronizing pulse (PWMSYNC) is provided at the beginning of
each PWM cycle. This pulse can be used to synchronize the
A/D conversion process to the PWM switching frequency.
Operating the A/D Converter
The A/D converter can be set up to convert a sequence of channels
as defined in the SYSCTRL register (see Table VI). The default
channel select mode after
RESET is to convert channels V and
W only. This is two-/three-phase mode. Three-/three-phase
mode converts channels U, V, W, and/or AUX. Three-/three-
phase mode is selected by writing a 1 to Bit 3 of the SYSCTRL
register. After the conversion process is complete, the channels
can be read in any order.
There are two methods that can be used to indicate when the
A/D conversions are completed and the data is ready: interrupt
driven and software timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com