| Electronic Components Datasheet Search |
|
ADMCF341 Datasheet(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF341 Datasheet(HTML) 8 Page - Analog Devices |
|
8 / 36 page ![]() REV. A –8– ADMC(F)341 The processor contains three independent computational units: the arithmetic and logic unit (ALU), the multiplier/accumulator (MAC), and the shifter. The computational units process 16-bit data directly and have provisions to support multiprecision computations. The ALU performs a standard set of arithmetic and logic operations, and provides support for division primi- tives. The MAC performs single-cycle multiply, multiply/add, and multiply/subtract operations with 40 bits of accumulation. The shifter performs logical and arithmetic shifts, normalization, denormalization, and derive-exponent operations. The shifter can be used to efficiently implement numeric format control, including floating-point representations. The internal result (R) bus directly connects the computational units so that the output of any unit may be the input of any unit on the next cycle. A powerful program sequencer and two dedicated data address generators ensure efficient delivery of operands to these compu- tational units. The sequencer supports conditional jumps and subroutine calls and returns in a single cycle. With internal loop counters and loop stacks, the ADMC(F)341 executes looped code with zero overhead; no explicit jump instructions are required to maintain the loop. Two data address generators (DAGs) provide addresses for simultaneous dual operand fetches from data memory and pro- gram memory. Each DAG maintains and updates four address pointers (I registers). Whenever the pointer is used to access data (indirect addressing), it is post-modified by the value in one of four modifications (M registers). A length value may be associated with each pointer (L registers) to implement auto- matic modulo addressing for circular buffers. The circular buffering feature is also used by the serial ports for automatic data transfers to and from on-chip memory. DAG1 generates only data memory addresses and provides an optional bit-reversal capability. DAG2 may generate either program or data memory addresses but has no bit-reversal capability. Efficient data trans- fer is achieved with the use of five internal buses: • Program memory address (PMA) bus • Program memory data (PMD) bus • Data memory address (DMA) bus • Data memory data (DMD) bus • Result (R) bus Program memory can store both instructions and data, permitting the ADMC(F)341 to fetch two operands in a single cycle—one from program memory and one from data memory. The ADMC(F)341 can fetch an operand from on-chip program memory and the next instruction in the same cycle. The ADMC(F)341 writes data from its 16-bit registers to the 24-bit program memory using the PX register to provide the lower eight bits. When it reads data (not instructions) from 24-bit program memory to a 16-bit data register, the lower eight bits are placed in the PX register. The ADMC(F)341 can respond to a number of distinct DSP core and peripheral interrupts. The DSP interrupts comprise a serial port receive interrupt, a serial port transmit interrupt, a timer interrupt, and two software interrupts. Additionally, the motor control peripherals include two PWM interrupts and a PIO interrupt. Serial port 0 (SPORT0) provides a complete synchronous serial interface with optional companding in hardware and a wide variety of framed and unframed data transmit and receive modes of operation. Serial port 1 (SPORT1) is available with a limited number of I/Os. It is mainly intended for codebooting to serial ROMs (SROM) and supporting the debugging tools. SPORT0 and SPORT1 can generate an internal programmable serial clock or accept an external serial clock. A programmable interval counter is also included in the DSP core and can be used to generate periodic interrupts. A 16-bit count register (TCOUNT) is decremented every n processor cycles, where n – 1 is a scaling value stored in the 8-bit TSCALE register. When the value of the counter reaches zero, an inter- rupt is generated, and the count register is reloaded from a 16-bit period register (TPERIOD). The ADMC(F)341 instruction set provides flexible data moves and multifunction (one or two data moves with a computation) instructions. Each instruction is executed in a single 50 ns processor cycle (for a 10 MHz CLKIN). The ADMC(F)341 assembly language uses an algebraic syntax for ease of coding and readability. A comprehensive set of development tools supports program development. For further information on the DSP core, refer to the ADSP-2100 Family User’s Manual, Third Edition, with particular reference to the ADSP-2171. SERIAL PORTS The ADMCF341 incorporates two complete synchronous serial ports (SPORT1 and SPORT0) for serial communication and multiprocessor communication. Following is a brief list of capabilities of the ADMC(F)341 SPORTs. Refer to the ADSP-2100 Family User’s Manual, Third Edition, for further details. • SPORTs are bidirectional and have a separate, double- buffered transmit and receive section. • SPORTs use an external serial clock or generate their own serial clock internally. • SPORTs have independent framing for the receive and transmit sections. Sections run in a frameless mode or with frame synchronization signals internally or externally generated. Frame synchronization signals are active high or inverted, with either of two pulsewidths and timings. • SPORTs support serial data-word lengths from 3 bits to 16 bits and provide optional A-law and µ-law companding according to ITU (formerly CCITT) recommendation G.711. • SPORT receive and transmit sections can generate unique interrupts on completing a data-word transfer. • SPORTs can receive and transmit an entire circular buffer of data with only one overhead cycle per data-word. An interrupt is generated after a data buffer transfer. • SPORT0 has a multichannel interface to selectively receive and transmit a 24-word or 32-word time-division multi- plexed, serial bitstream. • SPORT0 can be configured as an SPI port (master mode only). The clock phase and polarity are programmable through the MODECTRL register. • SPORT1 is the default port for program/data memory boot loading and for development tools interface. The DT1/FL1 pin can be configured as SROM/E 2PROM reset signal. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |