Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMCF341 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMCF341
Description  28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMCF341_15 Datasheet HTML 7Page - Analog Devices ADMCF341_15 Datasheet HTML 8Page - Analog Devices ADMCF341_15 Datasheet HTML 9Page - Analog Devices ADMCF341_15 Datasheet HTML 10Page - Analog Devices ADMCF341_15 Datasheet HTML 11Page - Analog Devices ADMCF341_15 Datasheet HTML 12Page - Analog Devices ADMCF341_15 Datasheet HTML 13Page - Analog Devices ADMCF341_15 Datasheet HTML 14Page - Analog Devices ADMCF341_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
REV. A
ADMC(F)341
–11–
PWMTRIP
OR
PWMSWT (0)
OVER-
CURRENT
TRIP
PWM SHUTDOWN CONTROLLER
ANALOG BLOCK
PWMTRIP
ISENSE2
ISENSE1
ISENSE3
PWMSEG (8...0)
OUTPUT
CONTROL
UNIT
GATE
DRIVE
UNIT
CLK
PWM DUTY CYCLE
REGISTERS
PWM CONFIGURATION
REGISTERS
TO INTERRUPT
CONTROLLER
THREE-PHASE
PWM TIMING
UNIT
CLK
RESET
SYNC
SYNC
PWMSYNC
CLKOUT
AH
AL
BH
BL
CH
CL
PWMGATE (9...0)
PWMTM (15...0)
PWMDT (9...0)
PWMPD (9...0)
PWMSYNCWT (7...0)
MODECTRL (6)
PWMCHA (15...0)
PWMCHB (15...0)
PWMCHC (15...0)
Figure 6. Overview of the PWM Controller of the ADMC(F)341
DSP Control Registers
The DSP core has a system control register, SYSCNTL,
memory-mapped at DM (0x3FFF). SPORT1 must be configured
as a serial port by setting Bit 10. SPORT0 and SPORT1 are
enabled by setting Bit 11 and Bit 12.
The DSP core has a wait state control register, MEMWAIT,
memory-mapped at DM (0x3FFE). The default value of this
register is 0xFFFF. For proper operation of the ADMC(F)341,
this register must always contain the value 0x8000. This value
sets the minimum access time to the program memory.
The configurations of both the SYSCNTL and MEMWAIT
registers of the ADMC(F)341 are shown in Figure 31.
THREE-PHASE PWM CONTROLLER
Overview
The PWM generator block of the ADMC(F)341 is a flexible,
programmable three-phase PWM waveform generator that can
be programmed to generate the required switching patterns to
drive a three-phase voltage source inverter for ac induction
motors (ACIM) or permanent magnet synchronous motors
(PMSM). In addition, the PWM block contains special functions
that considerably simplify the generation of the required PWM
switching patterns for control of brushless dc motors (BDCM),
including electronically commutated motors (ECM).
The six PWM output signals consist of three high side drive
signals (AH, BH, and CH) and three low side drive signals
(AL, BL, and CL). The switching frequency, dead time, and
minimum pulsewidths of the generated PWM patterns are
programmable using, respectively, the PWMTM, PWMDT, and
PWMPD registers. In addition, three registers (PWMCHA,
PWMCHB, and PWMCHC) control the duty cycles of the
three pairs of PWM signals.
Each of the six PWM output signals can be enabled or disabled
by separate output enable bits of the PWMSEG register. In
addition, three control bits of the PWMSEG register permit
crossover of the two signals of a PWM pair for easy control of
ECM or BDCM. In crossover mode, the high side PWM signals
are diverted to the complementary low side output and the low
side signals are diverted to the corresponding high side outputs.
In many applications, there is a need to provide an isolation
barrier in the gate-drive circuits that turn on the power devices
of the inverter. In general, there are two common isolation
techniques: optical isolation using optocouplers, and trans-
former isolation using pulse transformers. The PWM controller
of the ADMC(F)341 permits mixing of the output PWM signals
with a high frequency chopping signal to permit an easy interface
to such pulse transformers. The features of this gate-drive
chopping mode can be controlled by the PWMGATE register.
There is an 8-bit value within the PWMGATE register that
directly controls the chopping frequency. In addition, high
frequency chopping can be independently enabled for the high
side and the low side outputs using separate control bits in the
PWMGATE register.
The PWM generator is capable of operating in two distinct modes:
single update mode and double update mode. In single update
mode, the duty cycle values are programmable only once per
PWM period so that the resultant PWM patterns are symmetrical
about the midpoint of the PWM period. In double update mode,
a second updating of the PWM duty cycle values is implemented
at the midpoint of the PWM period. In this mode, it is possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com