Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMCF341 Datasheet(PDF) 17 Page - Analog Devices

Part # ADMCF341
Description  28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADMCF341_15 Datasheet HTML 13Page - Analog Devices ADMCF341_15 Datasheet HTML 14Page - Analog Devices ADMCF341_15 Datasheet HTML 15Page - Analog Devices ADMCF341_15 Datasheet HTML 16Page - Analog Devices ADMCF341_15 Datasheet HTML 17Page - Analog Devices ADMCF341_15 Datasheet HTML 18Page - Analog Devices ADMCF341_15 Datasheet HTML 19Page - Analog Devices ADMCF341_15 Datasheet HTML 20Page - Analog Devices ADMCF341_15 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
REV. A
ADMC(F)341
–17–
ADC Overview
The ADC of the ADMC(F)341 is based upon the single slope
conversion technique. This approach offers an inherently mono-
tonic conversion process within the noise and stability of its
components, and there will be no missing codes.
The single slope technique has been adopted on the
ADMC(F)341 for four channels that are simultaneously con-
verted. Refer to Figure 11 for the functional schematic of the
ADC. The main inputs (ISENSE1 to ISENSE3) are connected to the
ADC converter through three front end blocks. Figure 15 shows
the block diagram of a single front end block. Each front end
block has a bipolar current amplifier (Gain = –2.5) designed to
acquire the voltage on a current-sensing resistor whose voltage
can be either positive or negative with respect to the power
supply ground rail.
The fourth channel has been configured with a serially con-
nected 4-to-1 multiplexer. Table VI shows the multiplexer input
selection codes. One of these auxiliary multiplexed channels is
used to acquire the internal voltage reference (VREF) for calibra-
tion purposes.
Table VI. ADC Auxiliary Channel Selection
MODECTRL (1)
MODECTRL (0)
Select
ADCMUX1
ADCMUX0
VAUX0
0
0
VAUX1
0
1
VAUX2
1
0
Calibration (VREF)1
1
ADC1
ADC2
ADC3
ADCAUX
COMP
ISENSE1
ISENSE2
ISENSE3
VAUX0
VAUX1
VAUX2
VREF
ICONST
CURRENT
VOLTAGE
CHANNEL1
CURRENT
VOLTAGE
CHANNEL2
CURRENT
VOLTAGE
CHANNEL3
4-1
MULTIPLEXER
VAUX0 (V)
VAUX1 (V)
VAUX2 (V)
VAUX3 (V)
MODECTRL REG <0..1>
COMP
COMP
COMP
ICONST
FILTER
V1L
V2L
V3L
VAUXL
PWMSYNC (CONVST)
MODECTRL
REG <07>
CLK
MODECTRL REG
<09..10..11>
ICONST_TRIM
REG <2:0>
CAPACITOR RESET
Figure 11. ADC Overview
Single Slope ADC Operations
The ADC conversion process is done by comparing each ADC
input to a reference ramp voltage and timing the comparison of
the two signals. The actual conversion point is the time-point
intersection of the input voltage and the ramp voltage (VC), as
shown in Figure 12. This time is converted to counts by the
12-bit ADC timer block and is stored in the ADC registers.
The ramp voltage used to perform the conversion is generated
by driving a fixed current into an off-chip capacitor, where the
capacitor voltage is:
VI C
t
C
()
Table V. Fundamental Characteristics of PWM Generation Unit of ADMC(F)341
Parameter
Min
Typ
Max
Unit
16-BIT PWM TIMER
Counter Resolution
16
Bits
Edge Resolution (Single Update Mode)
100
ns
Edge Resolution (Double Update Mode)
50
ns
Programmable Dead Time Range
0
102
µs
Programmable Dead Time Increments
100
ns
Programmable Pulse Deletion Range
0
51
µs
Programmable Pulse Deletion Increments
50
ns
PWM Frequency Range
153
1
78,431
2
Hz
PWMSYNC Pulsewidth (TCRST)
2.0
12.8
µs
Gate Drive Chop Frequency Range
0.02
5
MHz
NOTES
1153 Hz is calculated based on 16-bit resolution.
278,431 Hz is calculated based on 8-bit resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com