Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2811 Datasheet(PDF) 9 Page - Analog Devices

Part # ADN2811
Description  OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2811 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN2811 Datasheet HTML 5Page - Analog Devices ADN2811 Datasheet HTML 6Page - Analog Devices ADN2811 Datasheet HTML 7Page - Analog Devices ADN2811 Datasheet HTML 8Page - Analog Devices ADN2811 Datasheet HTML 9Page - Analog Devices ADN2811 Datasheet HTML 10Page - Analog Devices ADN2811 Datasheet HTML 11Page - Analog Devices ADN2811 Datasheet HTML 12Page - Analog Devices ADN2811 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADN2811
Rev. B | Page 9 of 20
Jitter Tolerance
LOS RESPONSE TIME
Jitter tolerance is defined as the peak-to-peak amplitude of the
sinusoidal jitter applied on the input signal that causes a 1 dB
power penalty. This is a stress test that is intended to ensure no
additional penalty is incurred under the operating conditions
(see Figure 10). Figure 11 shows the typical OC-48 jitter
tolerance performance of the ADN2811.
The LOS response time is the delay between the removal of the
input signal and the indication of loss of signal (LOS) at
SDOUT. The LOS response time of the ADN2811 is 300 ns typ
when the inputs are dc-coupled. In practice, the time constant
of the ac-coupling at the quantizer input determines the LOS
response time.
SLOPE = –20dB/DECADE
f0
f1
f2
f3
f4
JITTER FREQUENCY (Hz)
15
1.5
0.15
JITTER SPECIFICATIONS
The ADN2811 CDR is designed to achieve the best bit-error-
rate (BER) performance, and has exceeded the jitter generation,
transfer, and tolerance specifications proposed for SONET/SDH
equipment defined in the Telcordia Technologies specification.
Jitter is the dynamic displacement of digital signal edges from
their long-term average positions measured in UI (unit
intervals), where 1 UI = 1 bit period. Jitter on the input data
can cause dynamic phase errors on the recovered clock
sampling edge. Jitter on the recovered clock causes jitter on the
retimed data.
Figure 10. SONET Jitter Tolerance Mask
The following sections briefly summarize the specifications of
jitter generation, transfer, and tolerance in accordance with the
Telcordia document (GR-253-CORE, Issue 3, September 2000)
for the optical interface at the equipment level and the
ADN2811 performance with respect to those specifications.
MODULATION FREQUENCY (Hz)
10
1k
100k
10M
100
10
0.1
1
100
10k
1M
1
ADN2811
OC-48 SONET MASK
Jitter Generation
Jitter generation specification limits the amount of jitter that
can be generated by the device with no jitter and wander
applied at the input. For OC-48 devices, the band-pass filter has
a 12 kHz high-pass cutoff frequency with a roll-off of
20 dB/decade and a low-pass cutoff frequency of at least
20 MHz. The jitter generated should be less than 0.01 UI rms
and 0.1 UI p-p.
Jitter Transfer
Jitter transfer function is the ratio of the jitter on the output
signal to the jitter applied on the input signal versus the
frequency. This parameter measures the limited amount of jitter
on an input signal that can be transferred to the output signal
(see Figure 9).
SLOPE = –20dB/DECADE
JITTER FREQUENCY (kHz)
0.1
fC
ACCEPTABLE
RANGE
Figure 11. OC-48 Jitter Tolerance Curve
Figure 9. Jitter Transfer Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com