Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2811 Datasheet(PDF) 18 Page - Analog Devices

Part # ADN2811
Description  OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2811 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADN2811 Datasheet HTML 12Page - Analog Devices ADN2811 Datasheet HTML 13Page - Analog Devices ADN2811 Datasheet HTML 14Page - Analog Devices ADN2811 Datasheet HTML 15Page - Analog Devices ADN2811 Datasheet HTML 16Page - Analog Devices ADN2811 Datasheet HTML 17Page - Analog Devices ADN2811 Datasheet HTML 18Page - Analog Devices ADN2811 Datasheet HTML 19Page - Analog Devices ADN2811 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADN2811
Rev. B | Page 18 of 20
DC-COUPLED APPLICATION
The inputs to the ADN2811 can also be dc-coupled. This may
be necessary in burst mode applications where there are long
periods of CIDs and baseline wander cannot be tolerated. If the
inputs to the ADN2811 are dc-coupled, care must be taken not
to violate the input range and common-mode level
requirements of the ADN2811 (see Figure 23, Figure 24, and
Figure 25). If dc-coupling is required and the output levels of
the TIA do not adhere to the levels shown in Figure 24 and
Figure 25, there needs to be level shifting and/or an attenuator
between the TIA outputs and the ADN2811 inputs.
LOL TOGGLING DURING LOSS OF INPUT DATA
If the input data stream is lost due to a break in the optical link
(or for any reason), the clock output from the ADN2811 stays
within 1000 ppm of the VCO center frequency as long as there
is a valid reference clock. The LOL pin toggles at a rate of
several kHz because the LOL pin toggles between a Logic 1 and
a Logic 0 while the frequency loop and phase loop swap control
of the VCO. The chain of events is as follows:
•
The ADN2811 is locked to the input data stream; LOL = 0.
•
The input data stream is lost due to a break in the link. The
VCO frequency drifts until the frequency error is greater
than 1000 ppm. LOL is asserted to a Logic 1 as control of
the VCO is passed back to the frequency loop.
•
The frequency loop pulls the VCO to within 500 ppm of its
center frequency. Control of the VCO is passed back to the
phase loop and LOL is deasserted to a Logic 0.
•
The phase loop tries to acquire, but there is no input data
present so the VCO frequency drifts.
•
The VCO frequency drifts until the frequency error is
greater than 1000 ppm. LOL is asserted to a Logic 1 as
control of the VCO is passed back to the frequency loop.
This process is repeated until a valid input data stream is
re-established.
50
Ω
50
Ω
ADN2811
0.1
µ F
NIN
PIN
50
Ω
TIA
VREF
VCC
50
Ω
Figure 23. ADN2811 with DC-Coupled Inputs
VCM = 0.4V MIN
(DC-COUPLED)
VSE = 5mV MIN
PIN
NIN
V p-p = PIN – NIN = 2
× V
SE = 10mV AT SENSITIVITY
INPUT (V)
Figure 24. Minimum Allowed DC-Coupled Input Levels
INPUT (V)
PIN
NIN
VCM = 0.6V
(DC-COUPLED)
VSE = 1.2V MAX
V p-p = PIN – NIN = 2
× V
SE = 2.4V MAX
Figure 25. Maximum Allowed DC-Coupled Input Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com