Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2811 Datasheet(PDF) 17 Page - Analog Devices

Part # ADN2811
Description  OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2811 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADN2811 Datasheet HTML 12Page - Analog Devices ADN2811 Datasheet HTML 13Page - Analog Devices ADN2811 Datasheet HTML 14Page - Analog Devices ADN2811 Datasheet HTML 15Page - Analog Devices ADN2811 Datasheet HTML 16Page - Analog Devices ADN2811 Datasheet HTML 17Page - Analog Devices ADN2811 Datasheet HTML 18Page - Analog Devices ADN2811 Datasheet HTML 19Page - Analog Devices ADN2811 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADN2811
Rev. B | Page 17 of 20
CHOOSING AC-COUPLING CAPACITORS
The choice of ac-coupling capacitors at the input (PIN, NIN)
and output (DATAOUTP, DATAOUTN) of the ADN2811 must
be chosen carefully. When choosing the capacitors, the time
constant formed with the two 50 Ω resistors in the signal path
must be considered. When a large number of consecutive
identical digits (CIDs) are applied, the capacitor voltage can
drop due to baseline wander (see Figure 22), causing pattern
dependent jitter (PDJ).
For the ADN2811 to work robustly at OC-48, a minimum
capacitor of 0.1 µF to PIN/NIN and 0.1 µF on DATAOUTP/
DATAOUTN should be used. This is based on the assumption
that 1000 CIDs must be tolerated and that the PDJ should be
limited to 0.01 UI p-p.
50
Ω
ADN2811
NIN
PIN
50
Ω
VREF
CIN
CIN
V2
V1
V2b
V1b
TIA
LIMAMP
CDR
COUT
COUT
DATAOUTP
DATAOUTN
+
4
3
2
1
V1
V1b
V2
V2b
VDIFF
VDIFF = V2–V2b
VTH = ADN2811 QUANTIZER THRESHOLD
VREF
VTH
NOTES
1. DURING DATA PATTERNS WITH HIGH TRANSITION DENSITY, DIFFERENTIAL DC VOLTAGE AT V1 AND V2 IS 0.
2. WHEN THE OUTPUT OF THE TIA GOES TO CID, V1 AND V1b ARE DRIVEN TO DIFFERENT DC LEVELS. V2 AND V2b DISCHARGE TO THE VREF LEVEL,
WHICH EFFECTIVELY INTRODUCES A DIFFERENTIAL DC OFFSET ACROSS THE AC COUPLING CAPACITORS.
3. WHEN THE BURST OF DATA STARTS AGAIN,THE DIFFERENTIAL DC OFFSET ACROSS THE AC COUPLING CAPACITORS IS APPLIED TO THE INPUT LEVELS,
CAUSING A DC SHIFT IN THE DIFFERENTIAL INPUT. THIS SHIFT IS LARGE ENOUGH SUCH THAT ONE OF THE STATES, EITHER HIGH OR LOW DEPENDING ON
THE LEVELS OF V1 AND V1b WHEN THE TIA WENT TO CID, IS CANCELLED OUT. THE QUANTIZER WILL NOT RECOGNIZE THIS AS A VALID STATE.
4. THE DC OFFSET SLOWLY DISCHARGES UNTIL THE DIFFERENTIAL INPUT VOLTAGE EXCEEDS THE SENSITIVITY OF THE ADN2811. THE QUANTIZER WILL BE
ABLE TO RECOGNIZE BOTH HIGH AND LOW STATES AT THIS POINT.
Figure 22. Example of Baseline Wander



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com