Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6590DR Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6590DR
Description  Digital Multi-Phase PWM Controller for Core-Voltage Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6590DR Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6590DR Datasheet HTML 2Page - Intersil Corporation ISL6590DR Datasheet HTML 3Page - Intersil Corporation ISL6590DR Datasheet HTML 4Page - Intersil Corporation ISL6590DR Datasheet HTML 5Page - Intersil Corporation ISL6590DR Datasheet HTML 6Page - Intersil Corporation ISL6590DR Datasheet HTML 7Page - Intersil Corporation ISL6590DR Datasheet HTML 8Page - Intersil Corporation ISL6590DR Datasheet HTML 9Page - Intersil Corporation ISL6590DR Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
General Description
The ISL6590 is a multiphase digital controller optimized for
microprocessor core voltage generation in the 0.8375Vdc -
1.600Vdc output range and high current loading up to 150A
with a 12Vdc input. It is intended to be used as a chipset with
multiple ISL6580 power stages. The current per stage is up
to 25A and the switching frequency can operate from
250kHz to 1MHz. The adaptability of having a digital
controller with a serial data bus to the power stages means
that the control algorithms can be adjusted with software
instead of having to make hardware or board changes. All of
the features of the ISL6590 are available in applications that
require 3-6 phases of PWM (Pulse-Width Modulation) core
voltage regulation. For more information on the power stage,
consult the ISL6580 data sheet.
Block Diagram Overview
The ISL6590 contains functionality to control up to 6 power
stages with PWM core voltage regulation. The blocks
described follow the block diagram shown in Figure 1. For
additional help it would be useful to reference the block
diagram of the ISL6580, which is located in the ISL6580 data
sheet.
Asynchronous Serial Interface (ASI) (ATX, ARX)
This 2-wire serial data host interface is designed to transfer
command information from the designers PC to the
controller, such as adjustments to register settings. The ASI
is used during the design process to configure and test your
power supply settings. It allows the designer to change loop
coefficients to achieve the best response for their system
design. This serial bus runs at 115K baud rate to interface
with a host computer during testing.
Backside Serial Bus (BSB) (SDATA, SCLK)
The backside serial bus is a 2-wire communication between
the ISL6590 controller and the ISL6580 power ICs used for
transfer of control and status information. This bus is critical
for proper operation of the system, any miscommunications
will cause a bus error between the controller and power
stages and shutdown the power supply. A bus error can be
caused by poor routing of those lines or by a failed ISL6580.
Feedback (PWM, NDRIVE, ATR, IDIG, SOC, ERR)
The feedback control block implements the loop
compensation, hysteretic control, and switch driver. Defaults
for the loop compensation coefficients are retained in the
memory block. If the default values need to be optimized,
they can be adjusted using the ASI.
The PWM generator that drives NDRIVE and PWM derives
its waveform from a current balancing circuit that balances
the current to each phase. The current balancing circuit
requires information about the amount of current each phase
is supporting. This information is obtained using the 6-bit
current ADC in each ISL6580.
Each of the ISL6580s contains a 6-bit voltage ADC that can
be used to measure the difference between the core voltage
at the output and a reference voltage that is set by the VID
information. Even though each ISL6580 has the voltage
ADC, only one of them is required to use it.
When a large change in current occurs at the output load, a
large voltage transient also occurs. The ATRH and ATRL
levels are designed to trigger a temporary mode in which the
PWM generator aligns all phases or removes all phases in
order to quickly raise or lower the output voltage.
Controller Memory
The internal volatile memory provides control and status
registers which are reset to default states on each power up.
These registers can be altered with commands from the ASI,
the State Control and Fault Monitors, or the Serial Interface
with the ISL6580 Power ICs.
EEPROM Interface (MCS, MCLK, MDI, MDO)
An external EEPROM (non-volatile memory) can be used to
write custom information to the volatile memory. The non-
volatile memory can be modified via the ASI. The EEPROM
contains configuration values for a given design. The
ISL6590 uses the standard Serial Peripheral Interface
(SPI™) serial protocol for this memory. The EEPROM must
be at least a 2K byte memory. Larger memory can be used
without problems, however the ISL6590 will utilize only 2K
bytes.
Clock Distribution (OSC_IN, OSC_OUT)
The clock distribution block creates the internal system clock
from an external clock source such as a crystal oscillator. It
performs a 4x frequency multiplication of the external clock
frequency. The maximum clock input is 33.33MHz for an IC
sample rate of 133.3MHz. It generates the read/write clock
for the ASI. The system clock is provided to the ISL6580s via
the SYS_CLK pin.
State Control and Fault Monitoring (OUTEN,
VID[5:0], PWRGD)
Implements control of the power system state and processes
fault information from the ISL6580 Power IC. All fault
detection within the system is accomplished within each
individual ISL6580 and is communicated to the ISL6590 via
the Backside Serial Interface. ISL6590 detects the fault
through constant polling of the ISL6580 fault registers and
responds by tristating the outputs or shutting down the
system which then requires a power cycle and initiates a
softstart sequence.
Memory Bus Multiplexer
Controls the priority of data transfer to the volatile memory
(control registers) from both the ASI and the state control
and fault monitoring. The state control and fault monitoring is
given priority over the ASI.
ISL6590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com