Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6590DR Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6590DR
Description  Digital Multi-Phase PWM Controller for Core-Voltage Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6590DR Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6590DR Datasheet HTML 1Page - Intersil Corporation ISL6590DR Datasheet HTML 2Page - Intersil Corporation ISL6590DR Datasheet HTML 3Page - Intersil Corporation ISL6590DR Datasheet HTML 4Page - Intersil Corporation ISL6590DR Datasheet HTML 5Page - Intersil Corporation ISL6590DR Datasheet HTML 6Page - Intersil Corporation ISL6590DR Datasheet HTML 7Page - Intersil Corporation ISL6590DR Datasheet HTML 8Page - Intersil Corporation ISL6590DR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Absolute Maximum Ratings
Supply Voltage
(VDD_IO) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.63V
(VDD_Core) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.98V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5kV
Recommended Operating Conditions
Supply Voltage
(VDD_IO) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.3V
±5%
(VDD_Core) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.8V
±5%
(Analog PLL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.8V
±5%
(Digital PLL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.8V
±5%
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 85oC
Thermal Information
Thermal Resistance
(oC/W)
θJC . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3
θJA-0 LFPM AIR. . . . . . . . . . . . . . . . . . .
29.0
θ
JA-100 LFPM AIR . . . . . . . . . . . . . . . . .
26.6
θJA-200 LFPM AIR . . . . . . . . . . . . . . . . .
25.0
θJA-400 LFPM AIR . . . . . . . . . . . . . . . . .
23.2
θ
JB . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on a “High Effective” Thermal Conductivity Board with “Direct Attach” features. (See Tech Brief
TB379 for details.)
Electrical Specifications
Operating Conditions: VDDIO = 3.3V, VDDCORE = 1.8V, TA = 25
oC, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUTS
Outen, VID[0:5], VIH
3.3V no internal pull-up/down resistors
0.8
-
-
V
Outen, VID[0:-5], VIL
3.3V no internal pull-up/down resistors
-
-
0.4
V
MDI, IDIG[1-6], ATRL, ATRH, SOC,
ERR VIH
3.3V internal pull-down resistor
2.0
-
-
V
MDI, IDIG[1-6], ATRL, ATRH, SOC,
ERR VIL
3.3V internal pull-down resistor
-
-
0.8
V
EXT_RESETB, VIH
3.3V internal pull-up resistor
2.0
-
-
V
EXT_RESETB, VIL
3.3V internal pull-up resistor
-
-
0.8
V
ARX, VIH
3.3V internal pull-up resistor
2.0
-
-
V
ARX, VIL
3.3V internal pull-up resistor
-
-
0.8
V
OSC_IN, VIH
No internal pull-up/down resistors
2.0
-
-
V
OSC_IN, VIL
No internal pull-up/down resistors
-
-
0.8
V
OUTPUTS
MCLK, MDO, MCS, NDRIVE[0:5],
PWM[0:5], ATX, VOH
No internal pull-up/down resistors, 8mA drive
2.4
-
-
V
MCLK, MDO, MCS, NDRIVE[0:5],
PWM[0:5], ATX, VOL
No internal pull-up/down resistors, 8mA drive
-
-
0.4
V
SYS_CLK, VOH
No internal pull-up/down resistors, 20mA drive
2.4
-
-
V
SYS_CLK, VOL
No internal pull-up/down resistors, 20mA drive
-
-
0.4
V
SCLK, VOH
No internal pull-up/down resistors, 16mA drive
2.4
-
-
V
SCLK, VOL
No internal pull-up/down resistors, 16mA drive
-
-
0.4
V
SDATA, VOH
3.3V pull-up resistor, 16mA drive
2.4
-
-
V
SDATA, VOL
3.3V pull-up resistor, 16mA drive
-
-
0.4
V
SDATA, VIH
3.3V pull-up resistor
2.0
-
-
V
SDATA, VIL
3.3V pull-up resistor
-
-
0.8
V
PWRGD, VOH
Open drain, 6mA drive
2.4
-
-
V
PWRGD, VOL
Open drain, 6mA drive
-
-
0.4
V
OSC_OUT, VOH
No internal pull-up/down resistors, 10mA drive
2.4
-
-
V
OSC_OUT, VOL
No internal pull-up/down resistors, 10mA drive
-
-
0.4
V
ISL6590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com