Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7463 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7463
Description  Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7463 Datasheet(HTML) 3 Page - International Rectifier

  IRF7463 Datasheet HTML 1Page - International Rectifier IRF7463 Datasheet HTML 2Page - International Rectifier IRF7463 Datasheet HTML 3Page - International Rectifier IRF7463 Datasheet HTML 4Page - International Rectifier IRF7463 Datasheet HTML 5Page - International Rectifier IRF7463 Datasheet HTML 6Page - International Rectifier IRF7463 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRF7463
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.01
0.1
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
4.5V
3.5V
3.0V
2.7V
2.5V
2.0V
V
, Drain-to-Source Voltage (V)
DS
2.0V
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
10V
4.5V
3.5V
3.0V
2.7V
2.5V
2.0V
V
, Drain-to-Source Voltage (V)
DS
2.0V
Fig 4. Typical Source-Drain Diode
Forward Voltage
0.1
1
10
100
1000
0.0
0.4
0.8
1.2
1.6
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
2.0
2.5
3.0
3.5
4.0
4.5
VGS, Gate-to-Source Voltage (V)
0.10
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 150°C
VDS = 15V
20µs PULSE WIDTH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com