Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7463 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7463
Description  Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7463 Datasheet(HTML) 1 Page - International Rectifier

  IRF7463 Datasheet HTML 1Page - International Rectifier IRF7463 Datasheet HTML 2Page - International Rectifier IRF7463 Datasheet HTML 3Page - International Rectifier IRF7463 Datasheet HTML 4Page - International Rectifier IRF7463 Datasheet HTML 5Page - International Rectifier IRF7463 Datasheet HTML 6Page - International Rectifier IRF7463 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
14
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
11
A
IDM
Pulsed Drain Current

110
PD @TA = 25°C
Power Dissipation
‡
2.5
W
PD @TA = 70°C
Power Dissipation
1.6
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
www.irf.com
1
3/30/00
IRF7463
SMPS MOSFET
HEXFET® Power MOSFET
l High Frequency DC-DC Converters
with Synchronous Rectification
Benefits
Applications
VDSS
RDS(on) max
ID
30V
0.008
Ω
14A
Typical SMPS Topologies
l Telecom 48V Input Converters with Logic-Level Driven Synchronous Rectifiers
Absolute Maximum Ratings
PD- 93843A
Notes
 through † are on page 7
SO-8
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
†
50
°C/W
Thermal Resistance
l Ultra-Low RDS(on) at 4.5V VGS
l Low Charge and Low Gate Impedance to
Reduce Switching Losses
l Fully Characterized Avalanche Voltage
and Current


Similar Part No. - IRF7463

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7463PBF IRF-IRF7463PBF Datasheet
176Kb / 8P
HEXFET Power MOSFET
IRF7463PBF IRF-IRF7463PBF Datasheet
182Kb / 8P
High Frequency Buck Converters for Computer Processor Power
IRF7463PBF IRF-IRF7463PBF_15 Datasheet
182Kb / 8P
High Frequency Buck Converters for Computer Processor Power
logo
VBsemi Electronics Co.,...
IRF7463TRPBF VBSEMI-IRF7463TRPBF Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - IRF7463

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
IRF7458 IRF-IRF7458 Datasheet
120Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFP064N IRF-IRFP064N Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP450N IRF-IRFP450N Datasheet
121Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.37ohm, Id=14A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRFR3708 IRF-IRFR3708 Datasheet
129Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com