Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7463 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7463
Description  Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7463 Datasheet(HTML) 4 Page - International Rectifier

  IRF7463 Datasheet HTML 1Page - International Rectifier IRF7463 Datasheet HTML 2Page - International Rectifier IRF7463 Datasheet HTML 3Page - International Rectifier IRF7463 Datasheet HTML 4Page - International Rectifier IRF7463 Datasheet HTML 5Page - International Rectifier IRF7463 Datasheet HTML 6Page - International Rectifier IRF7463 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRF7463
4
www.irf.com
Fig 6. On-Resistance Vs. Drain Current
Fig 5. Normalized On-Resistance
Vs. Temperature
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
14A
Fig 8. On-Resistance Vs. Gate Voltage
Fig 7. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
0
200
400
600
800
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
6.3A
11A
14A
2.0
4.0
6.0
8.0
10.0
VGS, Gate -to -Source Voltage (V)
0.004
0.008
0.012
0.016
ID = 14A
0
20406080
100
ID , Drain Current (A)
0.0060
0.0065
0.0070
0.0075
0.0080
VGS = 10V
VGS = 4.5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com