Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16633B Datasheet(PDF) 1 Page - NEC

Part # UPD16633B
Description  312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16633B Datasheet(HTML) 1 Page - NEC

  UPD16633B Datasheet HTML 1Page - NEC UPD16633B Datasheet HTML 2Page - NEC UPD16633B Datasheet HTML 3Page - NEC UPD16633B Datasheet HTML 4Page - NEC UPD16633B Datasheet HTML 5Page - NEC UPD16633B Datasheet HTML 6Page - NEC UPD16633B Datasheet HTML 7Page - NEC UPD16633B Datasheet HTML 8Page - NEC UPD16633B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MOS INTEGRATED CIRCUIT
µµµµPD16633B
312 OUTPUT TFT-LCD SORCE DRIVER
(COMPATIBLE WITH 64 GRAY SCALES)
1998
©
Document No. S13214EJ2V0DS00 (2nd edition)
Date Published July 1998 N CP(K)
Printed in Japan
DATA SHEET
The
µPD16633B is a source driver for TFT-LCDs capable of dealing with displays with 64 gray scales. Data input
is based on digital input configured as 6 bits by 6 dots (2 pixels), which can realize a full-color display of 260,000
colors by output of 64 values
γ-corrected by an internal D/A converter and 5-by-2 external power modules. Because
the output dynamic range is as large as 9.8 VP-P, level inversion operation of the LCD’s common electrode is
rendered unnecessary. Also, to be able to deal with dot-line inversion when mounted on a single side, this source
driver is equipped with a built-in 6-bit D/A converter circuit whose odd output pins and even output pins respectively
output gray scale voltages of differing polarity. Assuring a maximum clock frequency of 45 MHz when driving at 3.0
V, this driver is applicable to XGA-standard TFT-LCD panels.
FEATURES
•
Capable of outputting 64 values by means of 5-by-2 external power modules (10 units) and a D/A converter
•
Output dynamic range 9.8 VP-P min. (@VDD2 = 10.0 V)
•
CMOS level input
•
Input of 6 bits (gradation data) by 6 dots
•
High-speed data transfer: fmax. = 45 MHz (internal data transfer speed when operating at 3.0 V)
•
312 outputs
•
Apply for only dot inversion
•
Display data inversion function (POL2 terminal.)
•
Single bank arrangement is possible (loaded with slim TCP)
ORDERING INFORMATION
Part Number
Package
µPD16633BN-×××
TCP (TAB package)
The TCP’s external shape is customized. To order your TCP’s external shape, please contact a NEC salesperson.


Similar Part No. - UPD16633B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16631 RENESAS-UPD16631 Datasheet
442Kb / 20P
MOS INTEGRATED CIRCUIT
1995
UPD16631A RENESAS-UPD16631A Datasheet
440Kb / 18P
MOS INTEGRATED CIRCUIT
1996
logo
NEC
UPD16634A NEC-UPD16634A Datasheet
115Kb / 20P
300-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64 GRAY SCALE
logo
Renesas Technology Corp
UPD16634A RENESAS-UPD16634A Datasheet
288Kb / 22P
MOS INTEGRATED CIRCUIT
1998
logo
NEC
UPD16634AN NEC-UPD16634AN Datasheet
115Kb / 20P
300-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64 GRAY SCALE
More results

Similar Description - UPD16633B

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16772 NEC-UPD16772 Datasheet
121Kb / 5P
480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16772A NEC-UPD16772A Datasheet
122Kb / 5P
480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16635 RENESAS-PD16635_15 Datasheet
230Kb / 22P
240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64 GRAY SCALES)
PD16715A RENESAS-PD16715A_15 Datasheet
253Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER(COMPATIBLE WITH 64-GRAY SCALES)
PD160061 RENESAS-PD160061_15 Datasheet
363Kb / 21P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD161830 RENESAS-PD161830_15 Datasheet
371Kb / 26P
240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16772A RENESAS-PD16772A_15 Datasheet
256Kb / 22P
480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com