Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20114AFPASP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R2A20114AFPASP
Description  Continuous Conduction Mode Interleaving PFC Control IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20114AFPASP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R2A20114AFPASP_15 Datasheet HTML 1Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 2Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 3Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 4Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 5Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 6Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 7Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 8Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
R2A20114AFP/ASP
Preliminary
R03DS0051EJ0100 Rev.1.00
Page 4 of 16
Aug 29, 2011
Pin Arrangement of R2A20114ASP
(Top view)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CS2
CS1
GD1
SS
VCC
GD2
CSO2
CT
PGND
FB
COMP
CSO1
AGND
RS
VREF
RT/SYNC
IRAMP
VAC
FM
BO
Pin Functions of R2A20114ASP
Pin No.
Pin Name
Function
1
RT/SYNC
Frequency setting timing resistor connecting terminal / Sync. signal input terminal
2
CT
Frequency setting timing capacitor connecting terminal
3
FM
Frequency modulation setting timing capacitor connecting terminal
4
VREF
Reference voltage output terminal
5
BO
Brownout input terminal
6
VAC
AC voltage input terminal
7
AGND
Analog ground
8
RS
Current correction setting resistor connecting terminal
9
SS
Soft start setting capacitor connecting terminal
10
COMP
Error amplifier output terminal (to be phase-compensated)
11
FB
Error amplifier input terminal (feedback voltage input terminal)
12
IRAMP
Ramp waveform setting resistor connecting terminal
13
CSO2
Current sense amplifier 2 output terminal (to be phase-compensated)
14
CSO1
Current sense amplifier Output 1 output terminal (to be phase-compensated)
15
CS2
Current sense 2 input terminal
16
CS1
Current sense 1 input terminal
17
VCC
Supply voltage terminal
18
GD2
Converter 2 Power MOSFET drive terminal
19
PGND
Power ground
20
GD1
Converter 1 Power MOSFET drive terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com