Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20114AFPASP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R2A20114AFPASP
Description  Continuous Conduction Mode Interleaving PFC Control IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20114AFPASP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R2A20114AFPASP_15 Datasheet HTML 7Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 8Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 9Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 10Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 11Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 12Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 13Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 14Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
R2A20114AFP/ASP
Preliminary
R03DS0051EJ0100 Rev.1.00
Page 11 of 16
Aug 29, 2011
Timing Chart
1. Vcc Start-up and Stop Timing
COMP
0.82V
(Von-pfc)
10.4V (VH)
Soft Start
5V
4.0V
VCC
BO
FB
8.9V (VL)
VREF
VREF
GOOD
(Internal signal)
GD
SS
PFC-OFF
(Internal signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com