Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20114AFPASP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R2A20114AFPASP
Description  Continuous Conduction Mode Interleaving PFC Control IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20114AFPASP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R2A20114AFPASP_15 Datasheet HTML 3Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 4Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 5Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 6Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 7Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 8Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 9Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 10Page - Renesas Technology Corp R2A20114AFPASP_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
R2A20114AFP/ASP
Preliminary
R03DS0051EJ0100 Rev.1.00
Page 7 of 16
Aug 29, 2011
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Note
Supply voltage
VCC
–0.3 to +24
V
3
Peak current
Ipk-gd1, Ipk-gd2
1
A
3, 4
GD1 and 2
DC current
Idc-gd1, Idc-gd2
0.1
A
3
Vref terminal current
Iref
–5
mA
3
Terminal current
It-group
1
mA
3, 5
RS terminal current
Irs
–500
A
3
RT terminal current
Irt
–200
A
3
IRAMP terminal current
Iramp
–200
A
3
BO clamp current
Ibo
300
A
3
Terminal voltage
Vt-group
–0.3 to Vref
V
3, 6
Vref terminal voltage
Vt-ref
–0.3 to Vref+0.3
V
3
SS terminal voltage
Vt-ss
–0.3 to Vref+1
V
3
Power dissipation
Pt
1
W
3, 7
Operating junction temperature
Tj-opr
–40 to +150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. Rated voltages are with reference to the AGND and PGND terminal.
2. For the direction of Rated currents, (+) denotes the current flowing into the IC, and (–) denotes the current
flowing out of the IC.
3. Ambience temperature, Ta is 25 degrees centigrade.
4. Transient current when driving a capacitive load.
5. Rated currents of the terminals listed below:
COMP, CSO1, CSO2
6. Rated voltages of the terminals listed below:
in the case of R2A20114AFP: CS1, CS2, VAC, RS, FB, PD, BO, ERROR, E-DLAY, OFF, OVP2, FMC, FMR,
RT/SYNC, IRAMP, SYNC-O, CT, COMP, CSO1, CSO2
in the case of R2A20114ASP: CS1, CS2, VAC, RS, FB, BO, IRAMP, FM, RT/SYNC, CT, COMP, CSO1,
CSO2
7. Thermal resistor
in the case of R2A20114AFP:
ja = 85.3 degrees centigrade/W
in the case of R2A20114ASP:
ja = 120 degrees centigrade/W
These values are obtained under the condition that the IC is mounted on the glass epoxy board, of which size
is 50
 50  1.6 [mm] and wiring density is 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com