Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2136CSNFP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R5F2136CSNFP
Description  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSNFP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R5F2136CSNFP Datasheet HTML 14Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 15Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 16Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 17Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 18Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 19Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 20Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 21Page - Renesas Technology Corp R5F2136CSNFP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
R8C/36T-A Group
3. Address Space
R01DS0055EJ0100 Rev.1.00
Page 18 of 58
Dec 09, 2011
X: Undefined
Note:
1. The blank areas are reserved. No access is allowed.
Table 3.3
SFR Information (3) (1)
Address
Symbol
Register Name
After Reset
Remarks
0007Ah
0007Bh
0007Ch
0007Dh
0007Eh
0007Fh
00080h
U0MR_0
UART0_0 Transmit/Receive Mode Register
00h
00081h
U0BRG_0
UART0_0 Bit Rate Register
XXh
00082h
U0TB_0
UART0_0 Transmit Buffer Register
XXh
00083h
XXh
00084h
U0C0_0
UART0_0 Transmit/Receive Control Register 0
00001000b
00085h
U0C1_0
UART0_0 Transmit/Receive Control Register 1
00000010b
00086h
U0RB_0
UART0_0 Receive Buffer Register
XXXXh
00087h
00088h
U0IR_0
UART0_0 Interrupt Flag and Enable Register
00h
00089h
0008Ah
0008Bh
0008Ch
LINCR2_0
LIN_0 Special Function Register
00h
0008Dh
0008Eh
LINCT_0
LIN_0 Control Register
00h
0008Fh
LINST_0
LIN_0 Status Register
00h
00090h
U0MR_1
UART0_1 Transmit/Receive Mode Register
00h
00091h
U0BRG_1
UART0_1 Bit Rate Register
XXh
00092h
U0TB_1
UART0_1 Transmit Buffer Register
XXh
00093h
XXh
00094h
U0C0_1
UART0_1 Transmit/Receive Control Register 0
00001000b
00095h
U0C1_1
UART0_1 Transmit/Receive Control Register 1
00000010b
00096h
U0RB_1
UART0_1 Receive Buffer Register
XXXXh
00097h
00098h
U0IR_1
UART0_1 Interrupt Flag and Enable Register
00h
00099h
0009Ah
0009Bh
0009Ch
0009Dh
0009Eh
0009Fh
000A0h
000A1h
000A2h
000A3h
000A4h
000A5h
000A8h
000A9h
000AAh
000ABh
000ACh
000ADh
000AEh
000AFh
000B0h
000B1h
000B4h
000B5h
000B8h
000B9h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com