Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2138ASDFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F2138ASDFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138ASDFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F2138ASDFP Datasheet HTML 1Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 2Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 3Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 4Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 5Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 6Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 7Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 8Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
R8C/38T-A Group
1. Overview
R01DS0081EJ0100 Rev.1.00
Page 5 of 60
Dec 09, 2011
1.3
Block Diagram
Figure 1.2 shows the Block Diagram.
Figure 1.2
Block Diagram
8
Port P8
DTC
System clock generation circuit
XIN-XOUT
XCIN-XCOUT
High-speed on-chip oscillator
Low-speed on-chip oscillator
Low-speed on-chip oscillator
(for watchdog timer)
RAM
(2)
Multiplier
Timers
Timer RJ (16 bits
1)
Timer RB2 (16 bits
1)
Timer RC (16 bits
1)
Timer RE2 (8 bits
1)
R8C CPU core
Memory
R0H
R0L
R1H
R2
R3
R1L
A0
A1
FB
SB
USP
ISP
INTB
PC
FLG
I/O ports
Notes:
1. ROM size varies with the product.
2. RAM size varies with the product.
A/D converter
(10 bits
 20 channels)
UART0
(8 bits
 2 channels)
ROM
(1)
Peripheral functions
Watchdog timer
(14 bits)
LIN module
(1 channel)
TSCU
(36 channels)
Synchronous serial
communication unit (SSU/I
2C)
(8 bits
 1 channel)
Event link controller
CRC calculator
Comparator B
Voltage detection circuit
8
Port P0
8
Port P1
8
Port P3
5
1
Port P4
8
Port P5
8
Port P6
Port P2
8
UART2
(8 bits
 1 channel)
6
Port P9
Port P7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com