Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2138ASDFP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # R5F2138ASDFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138ASDFP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button R5F2138ASDFP Datasheet HTML 13Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 14Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 15Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 16Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 17Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 18Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 19Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 20Page - Renesas Technology Corp R5F2138ASDFP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
R8C/38T-A Group
2. Central Processing Unit (CPU)
R01DS0081EJ0100 Rev.1.00
Page 17 of 60
Dec 09, 2011
2.8.7
Interrupt Enable Flag (I)
The I flag enables maskable interrupts. Interrupts are disabled when the I flag is 0, and are enabled when the I
flag is 1. The I flag is set to 0 when an interrupt request is acknowledged.
2.8.8
Stack Pointer Select Flag (U)
ISP is selected when the U flag is 0. USP is selected when the U flag is 1. The U flag is set to 0 when a hardware
interrupt request is acknowledged or the INT instruction for a software interrupt numbered from 0 to 31 is
executed.
2.8.9
Processor Interrupt Priority Level (IPL)
IPL is 3 bits wide and assigns eight processor interrupt priority levels from 0 to 7. If a requested interrupt has
higher priority than IPL, the interrupt is enabled.
2.8.10
Reserved Bit
The write value must be 0. The read value is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com