| Electronic Components Datasheet Search |
|
R5F2138ASDFP Datasheet(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2138ASDFP Datasheet(HTML) 3 Page - Renesas Technology Corp |
|
3 / 63 page ![]() R8C/38T-A Group 1. Overview R01DS0081EJ0100 Rev.1.00 Page 3 of 60 Dec 09, 2011 Note: 1. Specify the D version if it is to be used. Table 1.2 Specifications (2) Item Function Description Serial interface UART0_0 and UART0_1 2 channels Clock synchronous serial I/O mode, clock asynchronous serial I/O mode UART2 1 channel Clock synchronous serial I/O mode, clock asynchronous serial I/O mode, I2C mode (I2C-bus), multiprocessor communication mode Clock Synchronous serial interface (SSU) SSU_0 1 channel (also used for the I2C bus) (I2C bus) I2C_0 1 channel (also used for the SSU) LIN module HW-LIN_0 Hardware LIN 1 channel (timer RJ_0, UART0_0, or UART0_1 used) A/D converter Resolution: 10 bits × 20 channels, sample and hold function, sweep mode Comparator B 2 circuits Touch sensor control unit (TSCU) System CH × 4, electrostatic capacitive touch detection × 36 CRC calculator CRC-CCITT (X16 + X12 + X5 + 1), CRC-16 (X16 + X15 + X2 + 1) compliant Flash memory • Program/erase voltage: VCC = 2.7 V to 5.5 V • Program/erase endurance:10,000 times (data flash) 1,000 times (program ROM) • Program security: ROM code protect, ID code check • Debug functions: On-chip debug, on-board flash rewrite function • BGO (background operation) function (data flash) Operating frequency/ Power supply voltage CPU clock = 20 MHz (VCC = 2.7 V to 5.5 V) CPU clock = 5 MHz (VCC = 1.8 V to 5.5 V) Current consumption Typ. 6.5 mA (VCC = 5.0 V, f(XIN) = 20 MHz) Typ. 3.5 mA (VCC = 3.0 V, f(XIN) = 10 MHz) Typ. 4.0 A (VCC = 3.0 V, wait mode f(XCIN) = 32 kHz) Typ. 2.2 A (VCC = 3.0 V, stop mode) Operating ambient temperature -20 C to 85C (N version) -40 C to 85C (D version) (1) Package 80-pin LQFP Package code: PLQP0080KB-A (previous code: 80P6Q-A) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |