Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFN3710 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFN3710
Description  TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.028ohm, Id=45A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFN3710 Datasheet(HTML) 1 Page - International Rectifier

  IRFN3710 Datasheet HTML 1Page - International Rectifier IRFN3710 Datasheet HTML 2Page - International Rectifier IRFN3710 Datasheet HTML 3Page - International Rectifier IRFN3710 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings
Parameter
IRFN3710
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
45
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
28
IDM
Pulsed Drain Current

180
PD @ TC = 25°C
Max. Power Dissipation
125
W
Linear Derating Factor
1.0
W/K
…
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
‚
690
mJ
IAR
Avalanche Current

27
A
EAR
Repetitive Avalanche Energy

12.5
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
oC
Package Mounting Surface Temperature
300 (for 5 sec.)
Weight
2.6 (typical)
g
N-CHANNEL
Provisional Data Sheet No. PD-9.1417
100 Volt, 0.028
Ω
Ω
Ω
Ω
Ω, HEXFET
A
IRFN3710
REPETITIVE AVALANCHE AND dv/dt RATED
HEXFET® TRANSISTOR
Generation 5 HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
the lowest possible on-resistance per silicon area.
This benefit, combined with the fast switching speed
and ruggedized device design for which HEXFETs
are well known, provides the designer with an ex-
tremely efficient device for use in a wide variety of
applications.
The Surface Mount Device 1 (SMD-1) package rep-
resents anothther step in the continual evolution of
surface mount technology. Designed to be a close
replacement for the TO-3 package, the SMD-1 will
give designers the extra flexibility they need to in-
crease circuit board density.International Rectifier has
engineered the SMD-1 package to meet the specific
needs of the power market by increasing the size of
the termination pads, thereby enhancing thermal and
electical performance.
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFN3710
100V
0.028
Ω
45A
Features:
n Surface Mount
n Small Footprint
n Alternative to TO-3 Package
n Hermetically Sealed
n Avalanche Energy Rating
n Dynamic dv/dt Rating
n Simple Drive Requirements
n Lightweight
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFN3710

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN3710 SEME-LAB-IRFN3710 Datasheet
46Kb / 2P
N?밅HANNEL POWER MOSFET
More results

Similar Description - IRFN3710

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5N3710 IRF-IRF5N3710 Datasheet
116Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
IRFN150 IRF-IRFN150 Datasheet
217Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.060ohm, Id=34A)
IRHF9130 IRF-IRHF9130 Datasheet
128Kb / 8P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
IRHM9160 IRF-IRHM9160 Datasheet
134Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.087ohm, Id=-35*A)
IRHN7130 IRF-IRHN7130 Datasheet
508Kb / 14P
TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14)
IRHN9130 IRF-IRHN9130 Datasheet
120Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A)
IRHN9150 IRF-IRHN9150 Datasheet
112Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.120ohm, Id=-22A)
IRHNA9160 IRF-IRHNA9160 Datasheet
153Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.087ohm, Id=-38A)
JANTX2N6756 IRF-JANTX2N6756 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com