Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFN3710 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFN3710
Description  TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.028ohm, Id=45A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFN3710 Datasheet(HTML) 2 Page - International Rectifier

  IRFN3710 Datasheet HTML 1Page - International Rectifier IRFN3710 Datasheet HTML 2Page - International Rectifier IRFN3710 Datasheet HTML 3Page - International Rectifier IRFN3710 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min.
Typ. Max. Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
100
—
—
V
VGS = 0V, ID = 1.0 mA
∆BVDSS/∆TJ Temp. Coefficient of Breakdown Voltage
—
0.120
—
V/°C
Reference to 25°C, ID = 1.0 mA
RDS(on)
Static Drain-to-Source
—
—
0.028
VGS = 12V, ID =28A „
On-State Resistance
—
—
0.032
Ω
VGS = 12V, ID = 45A
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS = VGS, ID = 250 mA
gfs
Forward Transconductance
24
—
—
S (
)VDS > 15V, IDS = 28A „
IDSS
Zero Gate Voltage Drain Current
—
—
25
µA
VDS=0.8 x Max Rating,VGS=0V
—
—
250
VDS = 0.8 x Max Rating
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
—
-100
VGS = -20V
Qg
Total Gate Charge
—
—
190
VGS =10V, ID =45 A
Qgs
Gate-to-Source Charge
—
—
26
nC
VDS = Max. Rating x 0.5
Qgd
Gate-to-Drain (“Miller”) Charge
—
—
82
td(on)
Turn-On Delay Time
—
14
—
VDD = 50V, ID =45A,
tr
Rise Time
—
59
—
ns
RG = 4.3Ω
td(off)
Turn-Off Delay Time
—
58
—
tf
Fall Time
—
48
—
LD
Internal Drain Inductance
—
8.7
—
LS
Internal Source Inductance
—
8.7
—
nH
Ciss
Input Capacitance
—
3000
—
VGS = 0V, VDS = 25V
Coss
Output Capacitance
—
640
—
pF
f = 1.0 MHz
Crss
Reverse Transfer Capacitance
—
330
—
IRFN3710 Device
Measured from the
drain lead, 6mm (0.25
in.) from package to
center of die.
Measured from the
source lead, 6mm
(0.25 in.) from package
to source bonding pad.
Modified MOSFET
symbol showing the
internal inductances.
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com