Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G4PC40U Datasheet(PDF) 3 Page - International Rectifier

Part # G4PC40U
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

G4PC40U Datasheet(HTML) 3 Page - International Rectifier

  G4PC40U Datasheet HTML 1Page - International Rectifier G4PC40U Datasheet HTML 2Page - International Rectifier G4PC40U Datasheet HTML 3Page - International Rectifier G4PC40U Datasheet HTML 4Page - International Rectifier G4PC40U Datasheet HTML 5Page - International Rectifier G4PC40U Datasheet HTML 6Page - International Rectifier G4PC40U Datasheet HTML 7Page - International Rectifier G4PC40U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRG4PC40U
www.irf.com
3
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=IRMS of fundamental; for triangular wave, I=IPK)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
1
10
100
1000
46
8
1 0
1 2
GE
T = 2 5 °C
T = 150 ° C
J
J
V
, G a te -to -E m itte r V o lta g e (V )
A
V
= 1 0 V
5 µ s PU LSE W ID T H
CC
1
10
100
1000
0.1
1
1 0
CE
V
, Collector-to-Emitter Voltage (V)
T = 150°C
T = 25°C
J
J
V
= 15V
20µs PULSE WIDTH
GE
A
0
20
40
60
80
0 . 1
1
10
100
f, Frequency (kHz)
A
60% of ra ted
v o ltag e
Idea l d iod es
S quar e w a v e :
For both:
D uty cy cle : 5 0 %
T = 12 5 ° C
T
= 9 0 ° C
G a te driv e a s s p ec ifie d
sink
J
P o w e r D is s ipatio n = 40W
Tria ngular w a v e :
C la m p v o ltage:
80% of ra te d



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com