Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3222 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3222
Description  Demonstration board user guidelines
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3222 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3222 Datasheet HTML 3Page - STMicroelectronics AN3222 Datasheet HTML 4Page - STMicroelectronics AN3222 Datasheet HTML 5Page - STMicroelectronics AN3222 Datasheet HTML 6Page - STMicroelectronics AN3222 Datasheet HTML 7Page - STMicroelectronics AN3222 Datasheet HTML 8Page - STMicroelectronics AN3222 Datasheet HTML 9Page - STMicroelectronics AN3222 Datasheet HTML 10Page - STMicroelectronics AN3222 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AN3222
Theoretical and practical measurements
Doc ID 17551 Rev 1
7/18
5
Theoretical and practical measurements
5.1
Theoretical results
Cf helps to stabilize the operational amplifier and can be ignored for the DC analysis.
Using Figure 2 as reference for the components:
Equation 1
Equation 2
This equation can be simplified assuming Rf2 = Rf1 = Rf, and Rg2 = Rg1 = Rg.
Only errors due to Vio and Iio remain.
If we also consider the errors due to inaccuracies of the resistors, we obtain with a first-order
limited development and with:
Equation 3
As you can see, with correct resistor matching (Rf and Rg) on the inputs, Iib does not have
any influence on Vout.
is the resistance tolerance.
For example: 0.1% in our case for Rg and Rf, and 1% for Rshunt.
If the accuracy of the resistors Rf1, Rf2, Rg1 and Rg2 =
ε1 and the accuracy of Rshunt = ε2,
these inaccuracies create a maximum deviation of (2.
ε1 + ε2)Vth as shown in Equation 4.
Equation 4
Equation 3 can be simplified to become:
Equation 5
Figure 5 on page 8 depicts the theoretical behavior of the above-defined application.
Vout_th, Vout_min and Vout_max are represented from the left Y-axis.
Vout
Rs
I 1
Rg2
Rg2
Rf2
+
----------------------------
–
⎝⎠
⎛⎞
1
Rf1
Rg1
-----------
+
⎝⎠
⎛⎞ Ip
+
Rg2
Rf2
⋅
Rg2
Rf2
+
-----------------------------
⎝⎠
⎛⎞
1
Rf1
Rg1
-----------
+
⎝⎠
⎛⎞ In Rf1 Vio 1 Rf1
Rg1
-----------
+
⎝⎠
⎛⎞
–
⋅
–
⋅
⋅
⋅
=
Vout
Rs
I
Rf
Rg
--------
Vio
1
Rf
Rg
--------
+
⎝⎠
⎛⎞ Rf Iio
⋅
+
⋅
–
⋅
=
Vth
Rs
I
Rf
Rg
--------
⋅⋅
=
Vout
Vth 1
ΔRs
Rs
-----------
Rf
Rf
Rg
+
-------------------- ΔRf1
Rf1
--------------
ΔRg1
Rg1
---------------
–
⎝⎠
⎛⎞
Rg
Rf
Rg
+
-------------------- ΔRf2
Rf2
--------------
ΔRg2
Rg2
---------------
–
⎝⎠
⎛⎞
++
+
⎝⎠
⎛⎞ Rf Iio Vio 1 Rf
Rg
--------
+
⎝⎠
⎛⎞
–
⋅
+
=
ΔR
R
--------
Vth Δ
Rs
Rs
-----------
Rf
Rf
Rg
+
-------------------- ΔRf1
Rf1
--------------
ΔRg1
Rg1
----------------
+
⎝⎠
⎛⎞
Rg
Rf
Rg
+
-------------------- ΔRf2
Rf2
--------------
ΔRg2
Rg2
----------------
+
⎝⎠
⎛⎞
++
⎝⎠
⎛⎞ Vth ε2
Rf
Rf
Rg
+
-------------------- 2
ε 1
Rg
Rf
Rg
+
-------------------- 2
ε 1
⋅
+
⋅
+
⎝⎠
⎛⎞
Vth
ε 22 ε 1
⋅
+
()
=
=
Vout
Vth
ε % Vth Rf Iio Vio 1 Rf
Rg
--------
+
⎝⎠
⎛⎞
–
⋅
+
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com