Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3222 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3222
Description  Demonstration board user guidelines
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3222 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3222 Datasheet HTML 1Page - STMicroelectronics AN3222 Datasheet HTML 2Page - STMicroelectronics AN3222 Datasheet HTML 3Page - STMicroelectronics AN3222 Datasheet HTML 4Page - STMicroelectronics AN3222 Datasheet HTML 5Page - STMicroelectronics AN3222 Datasheet HTML 6Page - STMicroelectronics AN3222 Datasheet HTML 7Page - STMicroelectronics AN3222 Datasheet HTML 8Page - STMicroelectronics AN3222 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AN3222
Schematic and layout of the demonstration board
Doc ID 17551 Rev 1
3/18
2
Schematic and layout of the demonstration board
Figure 2 represents the board’s schematics.
Figure 2.
Demonstration board schematics
The demonstration board has the following features.
●
Board dimensions: 27 x 24 mm
●
2-layer PCB
●
PCB thickness: 0.8 mm
●
FR4 material
●
Copper thickness: 18 µm
Rg2
Rf2
Ip
Vcc
c
Vout
TS507
Rf1
Cf
Rg1
Rs
Vio
In
Figure 3.
Demonstration board: top view
Figure 4.
Demonstration board: bottom view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com