Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3222 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3222
Description  Demonstration board user guidelines
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3222 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3222 Datasheet HTML 1Page - STMicroelectronics AN3222 Datasheet HTML 2Page - STMicroelectronics AN3222 Datasheet HTML 3Page - STMicroelectronics AN3222 Datasheet HTML 4Page - STMicroelectronics AN3222 Datasheet HTML 5Page - STMicroelectronics AN3222 Datasheet HTML 6Page - STMicroelectronics AN3222 Datasheet HTML 7Page - STMicroelectronics AN3222 Datasheet HTML 8Page - STMicroelectronics AN3222 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TS507 features
AN3222
4/18
Doc ID 17551 Rev 1
3
TS507 features
The TS507 operates from 2.7 to 5.5 V. The device has a rail-to-rail configuration on both its
input and output. At 25°C it demonstrates the following features.
●
Vio = 25 µV typ, 100 µV max
●
AVD = 131 dB (typical Vcc = 5 V)
●
GBP = 1.9 MHz
●
Vol = 4 mV typ, 15 mV max, with RL = 10 kΩ
Additional information on the TS507 can be found at:
http://www.st.com/stonline/products/families/amplifiers_comparators/opamps/ts507amp.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com